データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ561 データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 2SJ561
部品情報  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ561 データシート(HTML) 2 Page - Sanyo Semicon Device

  2SJ561 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ561 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ561 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ561 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SJ561
No.6095–2/4
Continued from preceding page.
Switching Time Test Circuit
50
P.G
2SJ561
S
G
D
VOUT
VDD=—15V
VIN
ID=—750mA
RL=20Ω
PW=10
µs
D.C.
≤1%
VIN
0V
—10V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
9F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
5F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
2F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S6
s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S3
1s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
2s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
1s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
5
.
1
=4
C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
5
.
1
=1
C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
5
.
1
=1
C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
5
.
1
=
S
G
0
=0
.
1
–5
.
1
–V
ID - VDS
ID - VGS
RDS(on) - VGS
Tc=25
°C
VDS=-10V
VDS=-10V
2
3
57
2
3
57
2
3
5
VGS=-3.0V
-3.5V
-6.0V
-4.0V
Tc=-25
°C
25°C
75°
C
ID=-0.3A
ID=-0.75A
2
3
5
7
2
3
5
7
2
3
5
7
-1.6
-1.4
-1.2
-1.0
-0.2
0
0
-0.6
-0.4
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
-0.8
0
0
-0.8
-1.6
-2.4
-3.2
-0.4
-1.2
-2.0
-2.8
-1
-2
-3
-5
-4
-6
0.01
-0.01
-0.1
-1.0
0.1
1.0
10
200
-2
0
-4
-6
-8
-10
-12
-14
-16
-18
-20
0
400
600
800
1000
100
300
500
700
900
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Drain Current, ID –A
| yfs | - I D
Gate-to-Source Voltage, VGS –V


同様の部品番号 - 2SJ561

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SJ560 SANYO-2SJ560 Datasheet
184Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ562 SANYO-2SJ562 Datasheet
147Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
VBsemi Electronics Co.,...
2SJ562 VBSEMI-2SJ562 Datasheet
985Kb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
Sanyo Semicon Device
2SJ563 SANYO-2SJ563 Datasheet
140Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Toshiba Semiconductor
2SJ567 TOSHIBA-2SJ567 Datasheet
195Kb / 6P
   Silicon P-Channel MOS Type Switching Applications
More results

同様の説明 - 2SJ561

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com