データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX92251LSE-ABA-000-RE データシート(PDF) 4 Page - Melexis Microelectronic Systems

部品番号 MLX92251LSE-ABA-000-RE
部品情報  Dual Hall Effect Latch with Speed & Direction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92251LSE-ABA-000-RE データシート(HTML) 4 Page - Melexis Microelectronic Systems

  MLX92251LSE-ABA-000-RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MLX92251LSE
Dual Hall Effect Latch with Speed & Direction
390109225103
Page 4 of 13
Datasheet
Rev 002
April/13
5 General Electrical Specifications
DC Operating Parameters TA = -40°C to 150°C, V DD = 2.7V to 24V (unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ
(1)
Max
Units
Supply Voltage
V
DD
Operating
2.7
-
24
V
Supply Current
I
DD
V
DD = 12V
3
4.5
7
mA
Reverse Supply Current
I
DDREV
V
DD = -18V
1
mA
Output Leakage Current
I
OFF
V
OUT = 12V, VDD = 12V, B < BRP
0.1
10
µA
Output Saturation Voltage
V
OUTS
B > B
OP, IOUT = 10mA
0.2
0.5
V
Output Rise/Fall Time
(2,3)
t R / tF
V
DD = 12V, VPU
(4) = 5V,
RPU = 1kΩ, CL = 50pF
0.1
0.3
1
µs
Output Current Limit
ICL
B > B
OP, VOUT = 12V
14
25
44
mA
Output ON Time under Current
Limit conditions
(5)
t
CLON
B > B
OP, VPU = 12V, RPU = 100Ω
150
230
µs
Output OFF Time under Current
Limit conditions
(5)
t
CLOFF
B > B
OP, VPU = 12V, RPU = 100Ω
3.5
ms
Chopping Frequency
f
CHOP
400
kHz
Speed Signal Delay
(2,6)
t
SPD
0.4
0.85
1.6
µs
Output Refresh Period
t
PER
3.2
5
8.4
µs
Output Jitter (p-p value)
(2)
tJITTER
Over 1000 successive output
switching
events @1kHz square wave, BPEAK=
50mT, t
RISE=tFALL ≤100μs
±2.6
µs
Maximum Switching Frequency
(2,7)
f
SW
≥30mT square wave magnetic field
40
66
kHz
Power-On Time
(8)
tPON
VDD= 5V, dVDD/dt > 2V/µs
16
35
μs
Under-voltage Lockout Threshold
V
UVL
2.2
2.4
2.7
V
Under-voltage Lockout Reaction
time
(2)
t
UVL
1
µs
SE Package Thermal Resistance
R
TH
Single layer (1S) JEDEC board
300
°C/W
Table 2: electrical specifications
1
Typical values are defined at TA = +25ºC and VDD = 12V
2
Based on device characterization results, not subject to production test
3
Measured between 0.1*VPU and 0.9*VPU
4
RPU and VPU are respectively the external pull-up resistor and pull-up power supply
5
If the Output is in Current Limitation longer than tCLON the Output is switched off in high-impedance state. The Output returns back in active state at next reaching of
BOP or after tCLOFF time interval
6
Controlled delay between direction (DIR) signal update and speed (SP) signal update
7
Maximum switching frequency corresponds to the maximum frequency of the applied magnetic field which is detected without loss of pulses
8
The Power-On Time represents the time from reaching VDD = 2.7V to the first refresh of the SP output


同様の部品番号 - MLX92251LSE-ABA-000-RE

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92251LSE-ABA-000-RE MELEXIS-MLX92251LSE-ABA-000-RE Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction Detection
More results

同様の説明 - MLX92251LSE-ABA-000-RE

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92251LSE-AXA MELEXIS-MLX92251LSE-AXA Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction Detection
logo
Honeywell Solid State E...
SS520 HONEYWELL-SS520 Datasheet
72Kb / 4P
   Dual Hall-effect Digital Position Sensors with speed & direction outputs
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
   Dual Hall Effect Latch
logo
List of Unclassifed Man...
MLX90224 ETC-MLX90224 Datasheet
174Kb / 8P
   DUAL HALL EFFECT LATCH
logo
Honeywell Solid State E...
VF526DT HONEYWELL-VF526DT Datasheet
252Kb / 4P
   Bipolar Latch, Dual Hall-effect Digital Position Sensor with Speer and Direction Outputs
logo
Seiko Instruments Inc
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com