データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUC1G00GV データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74AUC1G00GV
部品情報  Single 2-input NAND gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUC1G00GV データシート(HTML) 2 Page - NXP Semiconductors

  74AUC1G00GV Datasheet HTML 1Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 2Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 3Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 4Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 5Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 6Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 7Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 8Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2002 Nov 12
2
Philips Semiconductors
Preliminary specification
Single 2-input NAND gate
74AUC1G00
FEATURES
• Wide supply voltage range from 0.8 to 2.7 V
• Performance optimised for VCC = 1.8 V
• High noise immunity
• Complies with JEDEC standard:
– JESD76 (1.65 to 1.95 V)
• 8 mA output drive (VCC = 1.65 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• ESD protection:
2000 V Human Body Model (A 114-A)
200 V Machine Model (A 115-A)
• 3.3 V tolerant inputs/outputs
• SC-88A and SC-74A package.
DESCRIPTION
The 74AUC1G00 is a high-performance, low-power,
low-voltage, Si-gate CMOS device.
Schmitt-trigger action at all inputs makes the circuit
tolerant for slower input rise and fall time.
This device is fully specified for partial power-down
applications using Ioff. The Ioff circuitry disables the output,
preventing the damaging current backflow through the
device when it is powered down.
The 74AUC1G00 provides the single 2-input NAND
function.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; input slewrate ≥ 1 V/ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi +(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay inputs A and B to
output Y
VCC = 0.8 V; CL = 15 pF; RL =2kΩ
4.7
ns
VCC = 1.2 V; CL = 15 pF; RL =2kΩ
1.8
ns
VCC = 1.5 V; CL = 15 pF; RL =2kΩ
1.4
ns
VCC = 1.8 V; CL = 30 pF; RL =1 kΩ
1.4
ns
VCC = 2.5 V; CL = 30 pF; RL = 500 Ω
1.2
ns
CI
input capacitance
4
pF
CPD
power dissipation capacitance per buffer
VCC = 1.8 V; notes 1 and 2
14
pF


同様の部品番号 - 74AUC1G00GV

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUC1G02 PHILIPS-74AUC1G02 Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
74AUC1G02GV PHILIPS-74AUC1G02GV Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
74AUC1G02GW PHILIPS-74AUC1G02GW Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
74AUC1G04 PHILIPS-74AUC1G04 Datasheet
53Kb / 12P
   Inverter
2002 Nov 12
74AUC1G04GV PHILIPS-74AUC1G04GV Datasheet
53Kb / 12P
   Inverter
2002 Nov 12
More results

同様の説明 - 74AUC1G00GV

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com