データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM5T-1215D-VZ データシート(PDF) 4 Page - AIMTEC

部品番号 AM5T-1215D-VZ
部品情報  5 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5T-1215D-VZ データシート(HTML) 4 Page - AIMTEC

  AM5T-1215D-VZ Datasheet HTML 1Page - AIMTEC AM5T-1215D-VZ Datasheet HTML 2Page - AIMTEC AM5T-1215D-VZ Datasheet HTML 3Page - AIMTEC AM5T-1215D-VZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM5T-VZ
5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.I
4 of 4
North America only
Derating
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


同様の部品番号 - AM5T-1215D-VZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM5T-1215D-VZ AIMTEC-AM5T-1215D-VZ Datasheet
486Kb / 4P
   5 Watt | DC-DC Converter
More results

同様の説明 - AM5T-1215D-VZ

メーカー部品番号データシート部品情報
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
logo
List of Unclassifed Man...
FKC05 ETC-FKC05 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
AIMTEC
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ Datasheet
456Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ_13 Datasheet
243Kb / 3P
   5 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com