データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4TW-4815DZ データシート(PDF) 3 Page - AIMTEC

部品番号 AM4TW-4815DZ
部品情報  4 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4TW-4815DZ データシート(HTML) 3 Page - AIMTEC

  AM4TW-4815DZ Datasheet HTML 1Page - AIMTEC AM4TW-4815DZ Datasheet HTML 2Page - AIMTEC AM4TW-4815DZ Datasheet HTML 3Page - AIMTEC AM4TW-4815DZ Datasheet HTML 4Page - AIMTEC AM4TW-4815DZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM4TW-Z
4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
3 of 5
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Load voltage regulation (Dual)
±0.5
%
Load voltage regulation (Dual)
±3.3V output model
±1.5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
At 20 MHz
Bandwidth
60
mV p-p
Rising time
10
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
260
KHz
Operating temperature
Without derating
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
90
%
Case material
Nickel-coated copper
Weight
26
g
Dimensions(L x W x H)
Tolerance ±0.5 mm or ±0.02 inches
1.28 x 0.84 x 0.41 inches
32.25 x 21.35 x 10.50 mm
MTBF
>960 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified
Safety Specifications
Parameters
Agency Approval
CE
Standards
EN55022 Class A, EN55024
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-5, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
NOTE: Also designed to meet IEC60950-1:2001
Pin Out Specifications
Pin
1500VDC
3500VDC
Single
Dual
Single
Dual
1
+V Input
+V Input
No Pin
No Pin
2
N.C.
-V Output
-V Input
-V Input
3
N.C.
Common
-V Input
-V Input
9
No Pin
No Pin
No Pin
Common
10
-V Output
Common
No Pin
No Pin
11
+V Output
+V Output
N.C.
-V Output
12/13
-V Input
-V Input
No Pin
No Pin
14
+V Output
+V Output
+V Output
+V Output
15
-V Output
Common
No Pin
No Pin
16
No Pin
No Pin
-V Output
Common
22
N.C.
Common
+V Input
+V Input
23
N.C.
-V Output
+V Input
+V Input
24
+V Input
+V Input
No Pin
No Pin


同様の部品番号 - AM4TW-4815DZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM4TW-4815DZ AIMTEC-AM4TW-4815DZ Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
More results

同様の説明 - AM4TW-4815DZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM4TW-RVZ AIMTEC-AM4TW-RVZ_16 Datasheet
745Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-R-Z AIMTEC-AM4TW-R-Z_16 Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_13 Datasheet
283Kb / 4P
   4 Watt | DC-DC Converter
AM4T-Z AIMTEC-AM4T-Z_13 Datasheet
396Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-RZ AIMTEC-AM4TW-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_16 Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ Datasheet
453Kb / 4P
   4 Watt | DC-DC Converter
AM4N-Z AIMTEC-AM4N-Z_13 Datasheet
325Kb / 4P
   4 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com