データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDC4.4101.151 データシート(PDF) 3 Page - Schurter Inc.

部品番号 CDC4.4101.151
部品情報  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHURTER [Schurter Inc.]
ホームページ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CDC4.4101.151 データシート(HTML) 3 Page - Schurter Inc.

  CDC4.4101.151 Datasheet HTML 1Page - Schurter Inc. CDC4.4101.151 Datasheet HTML 2Page - Schurter Inc. CDC4.4101.151 Datasheet HTML 3Page - Schurter Inc. CDC4.4101.151 Datasheet HTML 4Page - Schurter Inc. CDC4.4101.151 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Power Entry Modules with Line Filter
CD
www.schurter.com /PG06
EMC Products
Derating Curves
Fuses
5 x 20 mm (1-pole)
1.5
1.0
0.5
0.0
2.5
2.0
020406080
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Fuses
5 x 20 mm (2-pole, per pole)
020406080
100
I = << In
I = 0.7 In
I = 1.0 In
2.0
1.5
1.0
0.5
0.0
Ambient air temperature Ta °C
Fuses
6.3 x 32 mm (1-pole)
020406080100
1.5
1.0
0.5
0.0
2.5
3.15
2.0
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Fuses
6.3 x 32 mm (2-pole, per pole)
1.5
1.0
0.5
0.0
2.5
2.0
020406080
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Attenuation Loss
- - - - 50
Ω differential mode _____ 50Ω common mode
Standard version
1 A
2 A
4 A
6 A
10 A
Medical version (M5)
1 A
2 A
4 A
6 A
10 A


同様の部品番号 - CDC4.4101.151

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC421100 TI-CDC421100 Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI-CDC421100RGER Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421100RGERG4 TI1-CDC421100RGERG4 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
More results

同様の説明 - CDC4.4101.151

メーカー部品番号データシート部品情報
logo
Schurter Inc.
CD11.1501.151 SCHURTER-CD11.1501.151_V01 Datasheet
663Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
04.01.2022
CD11.4599.151 SCHURTER-CD11.4599.151 Datasheet
600Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Bowden Line Switch 1- or 2-pole, Voltage Selector (Step)
17.08.2020
CG16.5101.151 SCHURTER-CG16.5101.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
CG16.5101.151 SCHURTER-CG16.5101.151_V01 Datasheet
635Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
04.01.2022
KFC SCHURTER-KFC_V01 Datasheet
668Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector (step switch)
04.01.2022
KFC SCHURTER-KFC Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
KP01145201 SCHURTER-KP01145201_V01 Datasheet
616Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole (5x20 mm)
08.12.2021
KG165101151 SCHURTER-KG165101151 Datasheet
568Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD134101151 SCHURTER-KD134101151 Datasheet
586Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KM00120511 SCHURTER-KM00120511_V01 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com