データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM40UW-2403SZ データシート(PDF) 2 Page - AIMTEC

部品番号 AM40UW-2403SZ
部品情報  40 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40UW-2403SZ データシート(HTML) 2 Page - AIMTEC

  AM40UW-2403SZ Datasheet HTML 1Page - AIMTEC AM40UW-2403SZ Datasheet HTML 2Page - AIMTEC AM40UW-2403SZ Datasheet HTML 3Page - AIMTEC AM40UW-2403SZ Datasheet HTML 4Page - AIMTEC AM40UW-2403SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM40UW-Z
40 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
2 of 5
North America only
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1600
VDC
Resistance
>1000
MOhm
Capacitance
2500
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Cross Regulation (Dual Output Models)
25% load on one output -
100% load on second load
±5
%
Over voltage protection
Zener Diode Clamp
Over current protection
Full Load
150
%
Short Circuit protection
Continuous
Short circuit restart
Auto-Restart
Thermal shutdown
On Case
110
ºC
Line voltage regulation
HL-LL
±0.5
% of Vin
Load voltage regulation (Single)
Iout=0% to 100%
±0.5
%
Load voltage regulation (Dual)
Iout=0% to 100%
±1
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
150
mV p-p
Voltage adjustment range
±10
%
Minimum Load Current
0
% of Max
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
270
KHz
Operating temperature
With derating above 55
oC
(see graph below)
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
105
oC
Derating
Above 55
oC
2
%/
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Nickel – coated Copper
Weight
60
g
Dimensions (L x W x H)
2.00 x 2.00 x 0.40 inches
50.81 x 50.81 10.14 mm
MTBF
>1500000 hrs Calculated using MIL-HDBK-217 F at +25
oC
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Transient recovery time
250
uS
Transient recovery deviation
±3
mS
Safety Specifications
Standards
Agency Approval
CE, meet IEC 60950-1:2001
Safety
EN55022: 2006 + A1:2007, Class A
EN55024:1998 + A1:2001 + A2:2003
IEC61000-4-2:1995 + A1:1998 + A2:2000, Perf. Criteria B
IEC61000-4-3:2006, Perf. Criteria A
IEC61000-4-4:2004, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-5:2005, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-6:2007, Perf. Criteria A
IEC61000-4-8, Perf:1993 + A1:2000, Criteria A


同様の部品番号 - AM40UW-2403SZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM40UW-2403SZ AIMTEC-AM40UW-2403SZ Datasheet
497Kb / 5P
   40 Watt | DC-DC Converter
More results

同様の説明 - AM40UW-2403SZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM40U-AZ AIMTEC-AM40U-AZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_16 Datasheet
533Kb / 7P
   40 Watt | DC-DC Converter
AM40W-NZ AIMTEC-AM40W-NZ Datasheet
143Kb / 3P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_16 Datasheet
205Kb / 4P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_12 Datasheet
407Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z Datasheet
497Kb / 5P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_13 Datasheet
294Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_13 Datasheet
481Kb / 5P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z Datasheet
506Kb / 7P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_13 Datasheet
443Kb / 7P
   40 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com