データシートサーチシステム |
|
ADF4360-2 データシート(PDF) 6 Page - Analog Devices |
|
ADF4360-2 データシート(HTML) 6 Page - Analog Devices |
6 / 20 page PRELIMINARY TECHNICAL DATA REV. PrA 07/03 –6– ADF4360-2 TPC 1. Open Loop VCO Phase Noise TPC 2. VCO Phase Noise, 2000MHz, 200kHz PFD, 10kHz loop bandwidth. TPC 4. Close-In Phase Noise at 2000MHz (200kHz Channel Spacing) Typical Performance Characteristics: TPC 6 Reference Spurs at 2000MHz (1MHz Channel Spacing, 25kHz loop bandwidth) TPC 5. Reference Spurs at 2000MHz (200kHz Channel Spacing, 10kHz loop bandwidth) 2000MHz +0.5MHz +1MHz -0.5MHz -1MHz Res. Bandwidth = 30kHz Video Bandwidth = 30kHz Averages = 100 V DD = +3V, VVCO = +3V I CP = 2.5mA PFD Frequency = 1MHz Loop Bandwidth = 25kHz Sweep = 50 ms -10 -20 -30 -40 -50 -60 -70 -80 -90 0 -83.8dBc/Hz 2000MHz +100kHz +200kHz -100kHz -200kHz Res. Bandwidth = 3kHz Video Bandwidth = 3kHz Averages = 100 V DD = +3V, VVCO = +3V I CP = 2.5mA PFD Frequency = 200kHz Loop Bandwidth = 10kHz Sweep = 140 ms -10 -20 -30 -40 -50 -60 -70 -80 -90 0 -79.5dBc 2000MHz +1kHz +2kHz -1kHz -2kHz Res. Bandwidth = 30Hz Video Bandwidth = 30Hz Averages = 10 V DD = +3V, VVCO = +3V I CP = 2.5mA PFD Frequency = 200kHz Loop Bandwidth = 10kHz Sweep = 1.9 seconds -10 -20 -30 -40 -50 -60 -70 -80 -90 0 -84.0dBc/Hz Marker Offset Amplitude 1: 10kHz - 86.16 dBc/Hz 2: 100kHz -110.70 3: 1MHz -131.99 4: 3MHz -140.81 TPC 3. VCO Phase Noise, 1000MHz, Divide by 2 Enabled 200kHz PFD, 10kHz loop bandwidth. |
同様の部品番号 - ADF4360-2 |
|
同様の説明 - ADF4360-2 |