データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3557SD-2 データシート(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3557SD-2
部品情報  Step-Up Converter for White LED Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3557SD-2 データシート(HTML) 7 Page - National Semiconductor (TI)

Back Button LM3557SD-2 Datasheet HTML 3Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 4Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 5Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 6Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 7Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 8Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 9Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 10Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Information (Continued)
WHITE LED CURRENT SETTING
For backlighting applications, the white LED current is pro-
grammed by the careful choice of the R2 resistor.
Backlight:
V
En
≥ 0.9V
20131617
I
LED:
White LED Current.
V
Fb-Sw2: Feedback Voltage.
R2:
Resistor.
The feedback voltage is with respect to the voltage at the
Sw2 pin, not ground. For example, if the voltage on the Sw2
pin were 0.1V then the voltage at the Fb pin would be 0.61V
(typical).
ADJUSTING OVER-VOLTAGE PROTECTION
If the over-voltage protection (OVP) threshold is too low for a
particular application, a resistor divider circuit can be used to
adjust the OVP threshold of a given application. Instead of
having the Ovp pin connected to the output voltage, it can be
adjusted through a resistor divider circuit to only experience
a fraction of the output voltage magnitude. The resistor
divider circuit bias current should be at least 100 times
greater than the Ovp pin bias current. Using Figure 3, the
following equation can be used to adjust the output voltage:
20131618
V
OVP: OVP Voltage Threshold.
V
OUT: Maximum Output Voltage (<35V).
R3:
Resistor.
R4:
Resistor.
20131616
FIGURE 3. Programmable Output Voltage
www.national.com
7


同様の部品番号 - LM3557SD-2

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3557SD-2 NSC-LM3557SD-2 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557SD-2/NOPB TI1-LM3557SD-2/NOPB Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
More results

同様の説明 - LM3557SD-2

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com