データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC1G04 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74VHC1G04
部品情報  Single Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G04 データシート(HTML) 1 Page - ON Semiconductor

  MC74VHC1G04 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G04 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G04 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G04 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G04 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G04 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 16
1
Publication Order Number:
MC74VHC1G04/D
MC74VHC1G04
Single Inverter
The MC74VHC1G04 is an advanced high speed CMOS inverter
fabricated with silicon gate CMOS technology.
The internal circuit is composed of multiple stages, including a
buffer output which provides high noise immunity and stable output.
The MC74VHC1G04 input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage. This
allows the MC74VHC1G04 to be used to interface 5 V circuits to 3 V
circuits.
Features
High Speed: tPD = 3.5 ns (Typ) at VCC = 5 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 105
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
VCC
NC
IN A
OUT Y
GND
1
2
3
5
4
IN A
OUT Y
1
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
http://onsemi.com
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
V5
= Device Code
M
= Date Code*
G
= Pb−Free Package
V5 M G
G
FUNCTION TABLE
L
H
A Input
Y Output
H
L
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5VCC
OUT Y
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
1
5
V5 M G
G
1
5
TSOP−5 / SOT−23 / SC−59
DT SUFFIX
CASE 483
SC−88A / SOT−353 / SC−70
DF SUFFIX
CASE 419A


同様の部品番号 - MC74VHC1G04

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04 Datasheet
179Kb / 8P
   Inverter
November, 1999 ??Rev. 1
logo
Leshan Radio Company
MC74VHC1G04 LRC-MC74VHC1G04 Datasheet
200Kb / 4P
   Inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
MC74VHC1G04 ONSEMI-MC74VHC1G04 Datasheet
206Kb / 15P
   Single Inverter
November, 2018 ??Rev. 17
MC74VHC1G04 ONSEMI-MC74VHC1G04 Datasheet
141Kb / 16P
   Single Inverter
March, 2022 ??Rev. 21
More results

同様の説明 - MC74VHC1G04

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
   Single Inverter
July, 2016 ??Rev. 4
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
   Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
   Single Inverter
March, 2008 - Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
   Single Inverter
August, 2011 ??Rev. 1
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
   Single Inverter
January, 2005 ??Rev. 2
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER
logo
ON Semiconductor
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
   Single Inverter
August, 2012 ??Rev. 1
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
   Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
NL17SZ04XV5T2 ONSEMI-NL17SZ04XV5T2 Datasheet
59Kb / 6P
   Single Inverter
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com