データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1412NEPA データシート(PDF) 4 Page - Microchip Technology

部品番号 TC1412NEPA
部品情報  2A High-Speed MOSFET Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1412NEPA データシート(HTML) 4 Page - Microchip Technology

  TC1412NEPA Datasheet HTML 1Page - Microchip Technology TC1412NEPA Datasheet HTML 2Page - Microchip Technology TC1412NEPA Datasheet HTML 3Page - Microchip Technology TC1412NEPA Datasheet HTML 4Page - Microchip Technology TC1412NEPA Datasheet HTML 5Page - Microchip Technology TC1412NEPA Datasheet HTML 6Page - Microchip Technology TC1412NEPA Datasheet HTML 7Page - Microchip Technology TC1412NEPA Datasheet HTML 8Page - Microchip Technology TC1412NEPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TC1412/TC1412N
DS20001391E-page 4
 2001-2015 Microchip Technology Inc.
Power Supply
Power Supply Current
IS
—0.5
1.0
mA
VIN =3V, VDD = 16V
—0.1
0.15
VIN =0V
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 VDD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range (C)
TA
0—
+70
ºC
Specified Temperature Range (E)
TA
-40
+85
ºC
Maximum Junction Temperature
TJ
+150
ºC
Storage Temperature Range
TA
-65
+150
ºC
Package Thermal Resistances
Thermal Resistance, 8L-MSOP
JA
—211
ºC/W
Thermal Resistance, 8L-PDIP
JA
—89.3—
ºC/W
Thermal Resistance, 8L-SOIC
JA
149.5
ºC/W
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, TA = +25°C, with 4.5V  VDD  16V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:Switching times ensured by design.


同様の部品番号 - TC1412NEPA

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC1412NEPA TELCOM-TC1412NEPA Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEPA MICROCHIP-TC1412NEPA Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
TC1412NEPA MICROCHIP-TC1412NEPA Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
More results

同様の説明 - TC1412NEPA

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com