データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV8544 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV8544
部品情報  500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV8544 データシート(HTML) 10 Page - Texas Instruments

Back Button TLV8544 Datasheet HTML 6Page - Texas Instruments TLV8544 Datasheet HTML 7Page - Texas Instruments TLV8544 Datasheet HTML 8Page - Texas Instruments TLV8544 Datasheet HTML 9Page - Texas Instruments TLV8544 Datasheet HTML 10Page - Texas Instruments TLV8544 Datasheet HTML 11Page - Texas Instruments TLV8544 Datasheet HTML 12Page - Texas Instruments TLV8544 Datasheet HTML 13Page - Texas Instruments TLV8544 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10 M:
-
+
VOUT
10 M:
10 M:
VIN
10 M:
10 M:
270 pF
270 pF
270 pF
CR2032 Coin Cell
225 mAh = 5 circuits @ 9.5 yrs.
60 Hz Twin T Notch Filter
AV = 2 V/V
10 M:
270 pF
VBATT
VBATT = 3V o 2V @ end of life
Remote Sensor
Signal
+
60 Hz
To ADC
Signal × 2
(No 60 Hz)
10
TLV8544
SNOSD29 – DECEMBER 2016
www.ti.com
Product Folder Links: TLV8544
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLV8544 is a ultra-low power operational amplifier that provides 8kHz bandwidth with only 500nA typical
quiescent current, and near precision drift specifications at a low cost. These rail-to-rail input and output
amplifiers are specifically designed for battery-powered applications. The input common-mode voltage range
extends to the power-supply rails and the output swings to within millivolts of the rails, maintaining a wide
dynamic range.
8.2 Typical Application: 60 Hz Twin "T" Notch Filter
Figure 9. 60 Hz Notch Filter
8.2.1 Design Requirements
Small signals from transducers in remote and distributed sensing applications commonly suffer strong 60 Hz
interference from AC power lines. The circuit of Figure 9 notches out the 60 Hz and provides a system gain of AV
= 2 for the sensor signal represented by a 1 kHz sine wave. Similar stages may be cascaded to remove 2nd and
3rd harmonics of 60 Hz. Thanks to the nA power consumption of the TLV8544, even 5 such circuits can run for
9.5 years from a small CR2032 lithium cell. These batteries have a nominal voltage of 3 V and an end of life
voltage of 2 V. With an operating voltage from 1.7V to 3.6V the TLV8544 can function over this voltage range.
8.2.2 Detailed Design Procedure
The notch frequency is set by:
F0 = 1 / 2πRC.
(2)
To achieve a 60 Hz notch use R = 10 M
Ω and C = 270 pF. If eliminating 50 Hz noise, use R = 11.8 MΩ and C =
270 pF.
The Twin T Notch Filter works by having two separate paths from VIN to the amplifier’s input. A low frequency
path through the series input resistors and another separate high frequency path through the series input
capacitors. However, at frequencies around the notch frequency, the two paths have opposing phase angles and
the two signals will tend to cancel at the amplifier’s input.


同様の部品番号 - TLV8544

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV8544 TI1-TLV8544 Datasheet
1Mb / 32P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544 Datasheet
1Mb / 35P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544 Datasheet
1Mb / 37P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544 Datasheet
2Mb / 42P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544DR TI1-TLV8544DR Datasheet
1Mb / 37P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
More results

同様の説明 - TLV8544

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544_18 Datasheet
1Mb / 35P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_018 TI1-TLV8544_018 Datasheet
1Mb / 37P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8801 TI1-TLV8801 Datasheet
1Mb / 27P
[Old version datasheet]   TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8811 TI1-TLV8811 Datasheet
735Kb / 26P
[Old version datasheet]   425 nA Precision Nanopower Op Amps for Cost-Optimized Systems
TLV9061 TI1-TLV9061 Datasheet
345Kb / 22P
[Old version datasheet]   10-MHz, RRIO, CMOS Operational Amplifier for Cost-Sensitive Systems
TLV9001_1905 TI1-TLV9001_1905 Datasheet
4Mb / 81P
[Old version datasheet]   Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001_1810 TI1-TLV9001_1810 Datasheet
4Mb / 70P
[Old version datasheet]   Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001_181029 TI1-TLV9001_181029 Datasheet
4Mb / 70P
[Old version datasheet]   Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com