データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP708-Q1 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP708-Q1
部品情報  Automotive, Resistor-Programmable Temperature Switch in SOT Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP708-Q1 データシート(HTML) 9 Page - Texas Instruments

Back Button TMP708-Q1 Datasheet HTML 5Page - Texas Instruments TMP708-Q1 Datasheet HTML 6Page - Texas Instruments TMP708-Q1 Datasheet HTML 7Page - Texas Instruments TMP708-Q1 Datasheet HTML 8Page - Texas Instruments TMP708-Q1 Datasheet HTML 9Page - Texas Instruments TMP708-Q1 Datasheet HTML 10Page - Texas Instruments TMP708-Q1 Datasheet HTML 11Page - Texas Instruments TMP708-Q1 Datasheet HTML 12Page - Texas Instruments TMP708-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
150
TMP708
VCC
GND
HYST
SET
OT
Microprocessor
VCC
GND
RSET
470 k
2.7 V to 5.5 V
0.1 …F
Copyright © 2016, Texas Instruments Incorporated
9
TMP708-Q1
www.ti.com
SBOS828 – DECEMBER 2016
Product Folder Links: TMP708-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TMP708-Q1 device is simple to configure. The only external components that the device requires are a
bypass capacitor and pullup resistor. Power-supply bypassing is strongly recommended. Use a 0.1-µF capacitor
placed as close as possible to the VCC supply pin. To minimize the internal power dissipation of the TMP708-Q1
family of devices, use a pullup resistor value greater than 10 kΩ from the OT pin to the VCC pin. See the
Hysteresis Input section for hysteresis configuration, and the Set-Point Resistor (RSET) section for configuring the
temperature threshold.
8.2 Typical Application
Figure 5. Overtemperature Protection for a 60°C Trip Point
8.2.1 Design Requirements
For this design example, a 2.7-V to 5.5-V power supply, 60°C trip point, and 10°C hysteresis are used.


同様の部品番号 - TMP708-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708AIDBVR TI1-TMP708AIDBVR Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708AIDBVT TI1-TMP708AIDBVT Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
More results

同様の説明 - TMP708-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com