データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMS116L-X データシート(PDF) 5 Page - Advanced Monolithic Systems

部品番号 AMS116L-X
部品情報  Battery Powered Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADMOS [Advanced Monolithic Systems]
ホームページ  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS116L-X データシート(HTML) 5 Page - Advanced Monolithic Systems

  AMS116L-X Datasheet HTML 1Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 2Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 3Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 4Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 5Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 6Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AMS116
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
45
55
70
60
85
0
25
50
75
100
OUTPUT CURRENT (mA)
Ripple Rejection
50
65
80
75
F
Q= 120Hz
45
55
70
60
85
0
25
50
75
100
OUTPUT CURRENT (mA)
Ripple Rejection
50
65
80
75
F
Q= 120Hz
0.01
0.1
100
0
20
40
60
100
OUTPUT CURRENT (mA)
Output Capacitor ESR
1
10
V
O = 5V
C
OUT= 100µF
80
STABLE
REGION
0.5
1.0
Maximum Power Dissipation (TO-92)
0.1
0.2
0.3
0.4
0.6
0.7
0.8
0.9
AMBIENT TEMPERATURE (° C)
0.125" Lead Lenght
from PC Board
10 20 30 40 50 60 70 80
0
0
0.4" Lead
Lenght from
PC Board
0.5
1.0
Maximum Power Dissipation (SOT-89)
0.1
0.2
0.3
0.4
0.6
0.7
0.8
0.9
AMBIENT TEMPERATURE (° C)
MOUNTED
ON PCB
10 20 30 40 50 60 70 80
0
0
UNMOUNTED
90
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


同様の部品番号 - AMS116L-X

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS116L-X ADMOS-AMS116L-X Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results

同様の説明 - AMS116L-X

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
   Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com