データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8041S データシート(PDF) 2 Page - Analog Devices

部品番号 AD8041S
部品情報  This specification documents the detailed requirements
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8041S データシート(HTML) 2 Page - Analog Devices

  AD8041S Datasheet HTML 1Page - Analog Devices AD8041S Datasheet HTML 2Page - Analog Devices AD8041S Datasheet HTML 3Page - Analog Devices AD8041S Datasheet HTML 4Page - Analog Devices AD8041S Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Supply Voltage (VS)........................................................... +12.6V
Input Common Mode Range (VIN) .................................... ±Vs
Storage Temperature..........................................................-65°C to +125°C
Junction Temperature (TJ)…………………………………. +175°C
Operating Ambient Temperature Range (TA) .................. -55°C to +125°C
Absolute Maximum Ratings Notes:
Absolute Maximum Ratings Notes:
1/ Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the maximum levels may
degrade performance and affect reliability.
In accordance with class-K version of MIL-PRF-38534, Appendix C, Table C-II, except as modified herein.
(a) Qual Sample Size and Qual Acceptance Criteria
– 10/0
(b) Qual Sample Package
– DIP
(c) Pre-screen electrical test over temperature performed post-assembly prior to die qualification.


同様の部品番号 - AD8041S

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041AN AD-AD8041AN Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041AN AD-AD8041AN Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
List of Unclassifed Man...
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results

同様の説明 - AD8041S

メーカー部品番号データシート部品情報
logo
Analog Devices
MAT02S_DIE AD-MAT02S_DIE Datasheet
621Kb / 6P
   This specification documents the detailed requirements
OP484S_DIE AD-OP484S_DIE Datasheet
614Kb / 5P
   This specification documents the detailed
OP470S_DIE AD-OP470S_DIE Datasheet
472Kb / 5P
   This specification documents the detailed
REF01S_DIE AD-REF01S_DIE Datasheet
85Kb / 4P
   This specification documents the detailed
PM108S_DIE AD-PM108S_DIE Datasheet
527Kb / 5P
   This specification documents
PM139S_DIE AD-PM139S_DIE Datasheet
551Kb / 5P
   This specification documents
OP27S_DIE AD-OP27S_DIE Datasheet
554Kb / 6P
   This specification documents
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
logo
List of Unclassifed Man...
ENS0575 ETC2-ENS0575 Datasheet
229Kb / 8P
   This specification describes the requirements of 650W/750Watts switching power
logo
Cypress Semiconductor
CYIH1SM1000AA-HHCS CYPRESS-CYIH1SM1000AA-HHCS Datasheet
1Mb / 71P
   Detailed Specification - ICD
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com