データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM30C256 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 FM30C256
部品情報  256Kb Data Collector
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM30C256 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  FM30C256 Datasheet HTML 1Page - List of Unclassifed Manufacturers FM30C256 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM30C256 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM30C256 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM30C256 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM30C256 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM30C256 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM30C256 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM30C256 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
FM30C256
Rev 2.1
Dec. 2002
Page 3 of 18
Overview
The FM30C256 data collector combines a 256Kb
serial nonvolatile RAM with a real-time clock (RTC),
a power monitor, and a tamper detect circuit. The
FM30C256 integrates these complementary but
distinct functions under a common interface in a
single package. Despite providing multiple interface
Ids as explained below, the product is a single
monolithic device.
The memory is organized as 32Kx8 of FRAM and is
accessed via a separate 2-wire device ID from the
remaining functions. This allows the user to preserve
addressing information when switching between
memory and RTC functions. Modularity in software
design is preserved as well.
The real-time clock function and the tamper detection
is accessed under its own 2-wire device ID. This
allows clock data to be read while maintaining the
last (most recently used) memory address in the other
device. The clock and tamper functions are controlled
by 9 registers that are backed up by the external
battery. Clock and tamper functions continue to
operate from battery power when VDD drops below
the battery voltage.
In addition to the software-controlled functions, the
FM30C256 also provides reset signal for an external
microcontroller host. This signal is asserted when
VDD drops below the specified trip point (VTP). It
remains asserted until VDD returns above VTP for the
hold-off period (tRPU). The power monitor has no
interaction with other software-controlled functions.
Any access to the device will be ignored when VDD <
VTP.
Memory Operation
When accessing the FM30C256, the user addresses
32,768 locations each with 8 data bits. These data bits
are shifted in and out serially. The 32,768 addresses
are accessed using the two-wire protocol, which
includes a slave address (to distinguish from other
non-memory devices), and an extended 16-bit
address. The decoder uses only the lower 15 bits for
accessing the memory. The upper address bit should
be set to 0 for compatibility with larger devices in the
future.
The memory is read or written at the speed of the
two-wire bus. The interface protocol is described
further below.
RTC Register Map
The interface to clock and tamper functions is via 9
address locations mapped to a separate 2-wire device
ID. The interface protocol is described below. The
registers contain timekeeping data, control bits, or
information flags. A short description of each register
follows. Detailed descriptions follow the register
summary section.
Register Map Summary Table
Data
Address
D7
D6
D5
D4
D3
D2
D1
D0
Function
Range
9-F
8
10 years
years
Years
00-99
7
0
0
0
10 mo
months
Month
1-12
6
00
10 date
date
Date
1-31
5
0
000
0
day
Day
1-7
4
00
10 hours
hours
Hours
0-23
3
0
10 minutes
minutes
Minutes
0-59
2
0
10 seconds
seconds
Seconds
0-59
1
/OSCEN
TSEN
CALS
CAL4
CAL3
CAL2
CAL1
CAL0
CAL/Control
0
Tamper
CF
reserved reserved
TST
CAL
W
R
Flags/Control
ILLEGAL ADDRESSES


同様の部品番号 - FM30C256

メーカー部品番号データシート部品情報
logo
RFE international
FM300 RFE-FM300 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
Extech Instruments Corp...
FM300 EXTECH-FM300 Datasheet
95Kb / 1P
   Desktop Formaldehyde (CH2O or HCHO) Monitor
logo
Rectron Semiconductor
FM3000 RECTRON-FM3000 Datasheet
217Kb / 7P
   GENERAL-PURPOSE PLASTIC RECTIFIERS
FM3000W RECTRON-FM3000W Datasheet
128Kb / 6P
   HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
logo
SHENZHEN FUMAN ELECTRON...
FM3004 FUMAN-FM3004 Datasheet
153Kb / 4P
   USB charge controller
More results

同様の説明 - FM30C256

メーカー部品番号データシート部品情報
logo
Advantech Co., Ltd.
ESRP-PCS-UNO420 ADVANTECH-ESRP-PCS-UNO420 Datasheet
814Kb / 2P
   Edge Data Collector
ESRP-PCS-WISE710 ADVANTECH-ESRP-PCS-WISE710 Datasheet
1Mb / 2P
   Edge Data Collector
SRP-IFS210-D36TAE ADVANTECH-SRP-IFS210-D36TAE Datasheet
312Kb / 2P
   Environment Data Collector
26-Jan-2022
ESRP-CNC-UNO1372 ADVANTECH-ESRP-CNC-UNO1372 Datasheet
1,009Kb / 2P
   Edge Data Collector
logo
Generalplus Technology ...
GPC252A GENERALPLUS-GPC252A Datasheet
438Kb / 17P
   256KB Sound Controller
GPL133A GENERALPLUS-GPL133A Datasheet
447Kb / 20P
   256KB LCD CONTROLLER
logo
Analog Devices
ADCLK914BCPZ-WP AD-ADCLK914BCPZ-WP Datasheet
304Kb / 12P
   Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
REV. A
ADCLK914 AD-ADCLK914 Datasheet
302Kb / 11P
   Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
logo
Renesas Technology Corp
R1LP5256E RENESAS-R1LP5256E_17 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM
logo
Generalplus Technology ...
GPC251A1 GENERALPLUS-GPC251A1 Datasheet
441Kb / 16P
   256KB Sound Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com