データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM30C256-S データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 FM30C256-S
部品情報  256Kb Data Collector
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM30C256-S データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  FM30C256-S Datasheet HTML 1Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
FM30C256
Rev 2.1
Dec. 2002
Page 2 of 18
Figure 1. Block Diagram
Pin Descriptions
Pin Name
Type
Pin Description
A2-A0
Input
Device select inputs are used to address the part on a serial bus. To select the device,
the address value on the three pins must match the corresponding bits contained in
the device address. Note that these are not address pins for read/write operations.
The address pins are pulled down internally.
TIN
Input
Tamper detect is a battery backed input that stores a 1 in the Flags/Control register
when it detects a rising edge on the TIN pin.
CAL
Output
512 Hz square-wave output for clock calibration
X1, X2
I/O
32.768 kHz crystal connection. When using an external oscillator source, use X2 as
the oscillator input and leave X1 floating.
/RST
Output
Active low reset output (open drain)
SDA
I/O
Serial Data Address. This is a bi-directional line for the two-wire interface. It is
open-drain and is intended to be wire-OR’d with other devices on the two-wire bus.
The input buffer incorporates a Schmitt trigger for noise immunity and the output
driver includes slope control for falling edges. A pull-up resistor is required.
SCL
Input
Serial Clock. The serial clock line for the two-wire interface. Data is clocked out of
the part on the falling edge, and in on the rising edge. The SCL input also
incorporates a Schmitt trigger input for noise immunity.
VBAK
Supply
Battery backup supply voltage (3V)
VDD
Supply
Supply Voltage (5V)
VSS
Supply
Ground
NC
-
No connect
Address Latch &
Counter
32K x 8
FRAM Array
RTC Address
Latch & Counter
Serial to Parallel
Converter
Data Latch
8
Protocol &
Device Select
Real-time Clock
Registers
Power Isolation
Tamper Flag
Counters
Power
Management
RTC Oscillator
Tamper Latch
Battery-backed power
CAL
TIN
X2
X1
RST
VBAK
VDD
SCL
SDA
A2-A0
32.768
kHz


同様の部品番号 - FM30C256-S

メーカー部品番号データシート部品情報
logo
RFE international
FM300 RFE-FM300 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
Extech Instruments Corp...
FM300 EXTECH-FM300 Datasheet
95Kb / 1P
   Desktop Formaldehyde (CH2O or HCHO) Monitor
logo
Rectron Semiconductor
FM3000 RECTRON-FM3000 Datasheet
217Kb / 7P
   GENERAL-PURPOSE PLASTIC RECTIFIERS
FM3000W RECTRON-FM3000W Datasheet
128Kb / 6P
   HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
logo
SHENZHEN FUMAN ELECTRON...
FM3004 FUMAN-FM3004 Datasheet
153Kb / 4P
   USB charge controller
More results

同様の説明 - FM30C256-S

メーカー部品番号データシート部品情報
logo
Advantech Co., Ltd.
ESRP-PCS-UNO420 ADVANTECH-ESRP-PCS-UNO420 Datasheet
814Kb / 2P
   Edge Data Collector
ESRP-PCS-WISE710 ADVANTECH-ESRP-PCS-WISE710 Datasheet
1Mb / 2P
   Edge Data Collector
SRP-IFS210-D36TAE ADVANTECH-SRP-IFS210-D36TAE Datasheet
312Kb / 2P
   Environment Data Collector
26-Jan-2022
ESRP-CNC-UNO1372 ADVANTECH-ESRP-CNC-UNO1372 Datasheet
1,009Kb / 2P
   Edge Data Collector
logo
Generalplus Technology ...
GPC252A GENERALPLUS-GPC252A Datasheet
438Kb / 17P
   256KB Sound Controller
GPL133A GENERALPLUS-GPL133A Datasheet
447Kb / 20P
   256KB LCD CONTROLLER
logo
Analog Devices
ADCLK914BCPZ-WP AD-ADCLK914BCPZ-WP Datasheet
304Kb / 12P
   Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
REV. A
ADCLK914 AD-ADCLK914 Datasheet
302Kb / 11P
   Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
logo
Renesas Technology Corp
R1LP5256E RENESAS-R1LP5256E_17 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM
logo
Generalplus Technology ...
GPC251A1 GENERALPLUS-GPC251A1 Datasheet
441Kb / 16P
   256KB Sound Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com