データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N2907 データシート(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

部品番号 2N2907
部品情報  PNP Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2N2907 データシート(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  2N2907 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2N2907 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 2N2907 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated: 12/04/2016
Re: 02
®
SEMTECH ELECTRONICS LTD.
2N2907 / 2N2907A
Characteristics at Ta = 25℃
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at -IC = 0.1 mA, -VCE = 10 V
at -IC = 1 mA, -VCE = 10 V
at -IC = 10 mA, -VCE = 10 V
at -IC = 150 mA, -VCE = 10 V
at -IC = 500 mA, -VCE = 10 V
2N2907
2N2907A
2N2907
2N2907A
2N2907
2N2907A
2N2907
2N2907A
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
35
75
50
100
75
100
100
30
50
-
-
-
-
-
-
300
-
-
-
-
-
-
-
-
-
-
-
Collector Base Cutoff Current
at -VCB = 50 V
2N2907
2N2907A
-ICBO
-ICBO
-
-
20
10
nA
nA
Collector Base Breakdown Voltage
at -IC = 10 µA
-V(BR)CBO
60
-
V
Collector Emitter Breakdown Voltage
at -IC = 10 mA
2N2907
2N2907A
-V(BR)CEO
-V(BR)CEO
40
60
-
-
V
V
Emitter Base Breakdown Voltage
at -IE = 10 µA
-V(BR)EBO
5
-
V
Collector Saturation Voltage
at -IC = 150 mA, -IB = 15 mA
at -IC = 500 mA, -IB = 50 mA
-VCE(sat)
-VCE(sat)
-
-
0.4
1.6
V
V
Base Saturation Voltage
at -IC = 150 mA, -IB = 15 mA
at -IC = 500 mA, -IB = 50 mA
-VBE(sat)
-VBE(sat)
-
-
1.3
2.6
V
V
Gain Bandwidth Product
at -IC = 50 mA , -VCE = 20 V, f = 100 MHz
fT
200
-
MHz
Collector Output Capacitance
at -VCB = 10 V, f = 1 MHz
Cob
-
8
pF
Turn-on Time
at -VCC = 30 V, -IC = 150 mA, -IB1 = 15 mA
ton
-
45
ns
Delay Time
at -VCC = 30 V, -IC = 150 mA, -IB1 = 15 mA
td
-
10
ns
Rise Time
at -VCC = 30 V, -IC = 150 mA, -IB1 = 15 mA
tr
-
40
ns
Turn-off Time
at -VCC = 6 V, -IC = 150 mA, -IB1 = -IB2 = 15 mA
toff
-
100
ns
Storage Time
at -VCC = 6 V, -IC = 150 mA, -IB1 = -IB2 = 15 mA
ts
-
80
ns
Fall Time
at -VCC = 6 V, -IC = 150 mA, -IB1 = -IB2 = 15 mA
tf
-
30
ns


同様の部品番号 - 2N2907

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
   PNP Switching Transistors
logo
STMicroelectronics
2N2907 STMICROELECTRONICS-2N2907 Datasheet
233Kb / 4P
   1.8W PNP GENERAL PURPOSE SAMLL SIGNAL TRANSISTORS
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
459Kb / 3P
   PNP Switching Transistors
logo
Semicoa Semiconductor
2N2907 SEMICOA-2N2907 Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
More results

同様の説明 - 2N2907

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com