データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL47XX データシート(PDF) 8 Page - Agilent(Hewlett-Packard)

部品番号 HCPL47XX
部品情報  Very Low Power Consumption High Gain Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL47XX データシート(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL47XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Absolute Maximum Ratings
(No Derating Required up to 70
°C)
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
S
- 55
125
°C
Operating Temperature
T
A
-40
85
°C
Average Forward Input Current (HCPL-4701/4731)
I
F(AVG)
10
mA
Average Forward Input Current (HCPL-070A/073A)
I
F(AVG)
5mA
Peak Transient Input Current (HCPL-4701/4731)
I
FPK
20
mA
(50% Duty Cycle, 1 ms Pulse Width)
Peak Transient Input Current (HCPL-070A/073A)
I
FPK
10
mA
(50% Duty Cycle, 1 ms Pulse Width)
Reverse Input Voltage
V
R
2.5
V
Input Power Dissipation (Each Channel)
P
I
15
mW
Output Current (Each Channel)
I
O
60
mA
Emitter Base Reverse Voltage (HCPL-4701/070A)
V
EB
0.5
V
Output Transistor Base Current (HCPL-4701/070A)
I
B
5mA
Supply Voltage
V
CC
-0.5
18
V
Output Voltage
V
O
-0.5
18
V
Output Power Dissipation (Each Channel)
P
O
100
mW
Total Power Dissipation (Each Channel)
P
T
115
mW
Lead Solder Temperature (for Through Hole Devices)
260
°C for 10 sec., 1.6 mm below seating plane
Reflow Temperature Profile
See Package Outline Drawings section
(for SOIC-8 and Option #300)
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC*
1.6
18
V
Forward Input Current (ON)
IF(ON)
40
5000
µA
Forward Input Voltage (OFF)
VF(OFF)
0
0.8
V
Operating Temperature
TA
070
°C
*See Note 1.


同様の部品番号 - HCPL47XX

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
Texas Instruments
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
More results

同様の説明 - HCPL47XX

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-4701-500E AVAGO-HCPL-4701-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com