データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7-1393116-1 データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 7-1393116-1
部品情報  Optional indicator lamp and push-to-test button
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393116-1 データシート(HTML) 1 Page - TE Connectivity Ltd

  7-1393116-1 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393116-1 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393116-1 Datasheet HTML 3Page - TE Connectivity Ltd 7-1393116-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
03-2015, Rev. 0315
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
KUMP Series Panel Plug-in Relay
Potter & Brumfield
Coil versions, AC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VAC
VAC
Ω±15%
VA
6
6
5.1
4.2
2.8
12
12
10.2
18
2.8
24
24
20.4
72
2.8
120
120
102.0
1700
2.9
240
240
204.0
7200
2.9
All figures are given for coil without preenergization, at ambient temperature +23°C.
Insulation Data
Initial dielectric strength
between open contacts
1200V
rms
between contact and coil
2200V
rms
between adjacent contacts
2200V
rms
Initial insulation resistance
between insulated elements
100MΩ, 500VDC
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
Enclosed relays: -45ºC to 70ºC
Open relays: 15ºC higher maximum
AC coil
Enclosed relays, 3 pole: -45°C to +45°C
Enclosed relays, 1 and 2 pole: -45ºC to +55ºC
Open relays: 15°C higher maximum
Category of environmental protection
IEC 61810
RT0 - open relay; RTI - dust protected
Terminal type
Quick connects (QC), .187, .205 or .250:
PCB-THT
Terminal retention, push force
QC .205
17 lbs for 3s
QC .187, QC .250, PCB
25 lbs for 3s
Weight
85g
Packaging/unit
tray/25 pcs., box/150pcs.
Accessories
For details see datasheet
Sockets and Accessories, KUP Relays
Product Code Description
27E893
DIN socket (use 20C318 clip)
27E121
Track mount socket (use 20C314 clips)
27E043
Chassis mount/solder eyelet socket (use 20C254 clip)
27E046
Chassis mount/PCB socket (use 20C254 clip)
27E067
Chassis mount/quick connect socket (use 20C254 clip)
27E396
Snap-in/quick connect socket (use 20C254 clip)
n
15 amp rating
n
Contact arrangements 1-3 form A, 1-3 form B, 1-3 form C, 1 form X,
1 form Y, 1 form Z
n
Open or enclosed
n
Plain or bracket mount dust covers
n
Optional indicator lamp and push-to-test button
n
Several termination and mounting styles
Typical applications
Hospital beds, semiconductor wafer equipment, boom/bucket lifts.
Approvals
UL E22575; CSA LR15734
Technical data of approved types on request.
Contact Data
Contact arrangement
1, 2 and 3 form A (NO); 1, 2 and 3 form B (NC);
1, 2 and 3 form C (CO); 1 form X (NO-DM);
1 form Y (NC-DB); 1 form Z (CO-DB-DM)
Rated voltage
277VAC
Rated current
15A
Contact material
AgCdO
AgSnOInO
Min. recommended contact load
300mA, 12VDC
300mA, 12VDC
Frequency of operation
360 ops./hour
360 ops./hour
Operate/releases time max.
15/10ms
Bounce time max.
17ms
Contact ratings
Type
Load
Cycles
UL 508
AgCdO
15A, 277VAC
1/2HP, 120VAC
10A, 240VAC
10A, 32VDC
5FLA, 15LRA, 250VAC
5A, 120VAC, tungsten
0.5A, 250VAC
0.5A, 125VDC
10FLA, 40LRA, 125VAC
3A, 600VAC
1/2HP, 480VAC
1/2HP, 600VAC
1HP, 480VAC, 3 phase
AgSnOInO
15A, 277VAC, pf = 0.8
15x103
10A, 277VAC, pf = 0.8
100x103
Mechanical endurance
10x106 ops.
Coil Data
Coil voltage range
5 to 110VDC
6 to 240VAC
Coil insulation system according UL
Class B
Coil versions, DC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
W
5
5
3.75
21
1.2
6
6
4.5
32.1
1.125
12
12
9.0
120
1.2
24
24
18.0
472
1.25
48
48
36.0
1800
1.3
110
110
82.5
10000
1.25
All figures are given for coil without preenergization, at ambient temperature +23°C.


同様の部品番号 - 7-1393116-1

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
7-1393114-0 TEC-7-1393114-0 Datasheet
317Kb / 3P
   Side flange and top flange mounting
7-1393114-1 TEC-7-1393114-1 Datasheet
317Kb / 3P
   Side flange and top flange mounting
7-1393114-2 TEC-7-1393114-2 Datasheet
317Kb / 3P
   Side flange and top flange mounting
7-1393114-3 TEC-7-1393114-3 Datasheet
317Kb / 3P
   Side flange and top flange mounting
7-1393114-7 TEC-7-1393114-7 Datasheet
317Kb / 3P
   Side flange and top flange mounting
More results

同様の説明 - 7-1393116-1

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
RM-C TEC-RM-C Datasheet
274Kb / 3P
   Push-to-test button
logo
Chicago Miniature Lamp,...
1927X35X CML-1927X35X Datasheet
443Kb / 1P
   LED Indicator 14mm Standard Bezel Lamp Test Facility
logo
WAGO Kontakttechnik Gmb...
2202-1674 WAGO-2202-1674 Datasheet
966Kb / 19P
   2-conductor disconnect/test terminal block; with push-button
24.11.2021
2202-1672 WAGO-2202-1672 Datasheet
940Kb / 17P
   2-conductor disconnect/test terminal block; with push-button
24.11.2021
logo
Elektron Components Ltd...
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
   Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
   Push Button
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
   Push Button
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
   Miniature Toggle and Push Button Switches
logo
Chicago Miniature Lamp,...
1927X25X CML-1927X25X Datasheet
443Kb / 1P
   LED Indicator 14mm Standard Bezel with Lamp Test Facility
logo
Molex Electronics Ltd.
1301270003 MOLEX1-1301270003_17 Datasheet
39Kb / 1P
   Super-Safeway Three Wire GFCI Circuit Tester, 3 Indicating Lights, Push to Test Button
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com