データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-1393127-5 データシート(PDF) 3 Page - TE Connectivity Ltd

部品番号 3-1393127-5
部品情報  Magnetic blowouts available for switching DC loads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393127-5 データシート(HTML) 3 Page - TE Connectivity Ltd

  3-1393127-5 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393127-5 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393127-5 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393127-5 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
06-2016, Rev. 0616
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
PRD Series Power Relay (Continued)
Product code structure
Typical product code
PRD
-7
A
Y
0
-120
Type
PRD Open relay
PRDA Open relay with aux. 1 form C (CO) snap-action switch
Main contact arrangement
1
1 form A (1 NO)
3
1 form X (1 NO-DM)
5
1 form C (1 CO)
7
2 form A (2 NO)
7V 2 form A (2 NO) with 3mm contact gap 1)
11 2 form C (2 CO)
1) Code 7V is only available as a UL Recognized model, not UL Listed
Coil input
A AC, 50/60Hz
D DC
Main contact material and type
Y .312” (7.92mm) dia. Ag [25A max. rating]
G .312” (7.92mm) dia. AgCdO [30A max. rating]
F
.312” (7.92mm) dia. AgCdO [50A max. rating] 2)
H Ag with magnetic blowout [20A DC max. rating] 3)
J
AgCdO with magnetic blowout [20A DC max. rating]
N W stationary & AgCdO movable [25A max. rating] 4)
P Ag [50A max. rating] 5)
R Ag with magnetic blow out [50A max. rating] 5)
2) Available with Main contact arrangement code 1, 5, 7 or 11 only, and Termination code 0 or A only.
3) Available with Main contact arrangement code 3, 7 or 11 only
4) Available with Main contact arrangement code 1, 5, 7 or 11 only.
5) Available with Main contact arrangement code 3 only, and Termination code 4 only.
Termination
PRD types only
0
#8-32 screw term. for main contacts, #6-32 screw term. for coil.
1
.250” (6.35mm) QC for main contacts and coil
3
#8-32 screw term. for main contacts, .250” (6.35mm) QC for coil.
4
Box lug term. which accept #6 - #14 wire for main contacts, #6-32 screw term. for coil. 6)
6) Available with Main contact arrangement code 3 only, and Main contact material code P or R only.
PRDA (with aux. switch) types only
A #8-32 screw term. for main contacts, #6-32 screw term. for coil, screw term. for aux. switch
B .250” (6.35mm) QC for main contacts, coil and aux. switch
L
Twin .250” (6.35mm) QC for main contacts, .250” (6.35mm) QC for coil and aux. switch
Coil voltage
Coil code: please refer to coil versions table
Terminal assignment for models with magnetic blowout
PRD3 with blowout
PRD7 with blowout
PRD 11 with blowout
-
+
-
-
-
+
THIS SIDE OF MAGNET
ATTRACTS NORTH SEEKING
POLE OF COMPASS.
THIS SIDE OF MAGNET
ATTRACTS NORTH SEEKING
POLE OF COMPASS.
THIS SIDE OF MAGNET
ATTRACTS NORTH SEEKING
POLE OF COMPASS.
POLARITY
MARKING
POLARITY
MARKING
POLARITY
MARKING
(VDE approved Termination code)


同様の部品番号 - 3-1393127-5

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
3-1393122-6 TEC-3-1393122-6 Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
3-1393122-7 TEC-3-1393122-7 Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
3-1393122-8 TEC-3-1393122-8 Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
3-1393122-9 TEC-3-1393122-9 Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
More results

同様の説明 - 3-1393127-5

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
PHOENIX CONTACT
101804 PHOENIX-101804 Datasheet
132Kb / 3P
   Power Optocoupler for Switching High DC Loads up to 5 A
logo
ETAL Group
E-1071 ETAL-E-1071 Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
logo
B&K Precision Corporati...
8600 BK-8600 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
   Programmable DC Electronic Loads
logo
Teledyne Technologies I...
SR75-2 TELEDYNE-SR75-2 Datasheet
204Kb / 2P
   DC Loads DC Solid-State Relay
logo
TE Connectivity Ltd
H-26 TEC-H-26 Datasheet
153Kb / 1P
   Vacuum dielectric for power switching low current loads
logo
Omron Electronics LLC
G9EJ-1-E OMRON-G9EJ-1-E Datasheet
587Kb / 6P
   Compact DC Power Relays Capable of Switching 400 V 15 A DC loads
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com