データシートサーチシステム |
|
4-1419104-1 データシート(PDF) 3 Page - TE Connectivity Ltd |
|
4-1419104-1 データシート(HTML) 3 Page - TE Connectivity Ltd |
3 / 4 page General Purpose Relays Power Relays T9A Series, DC Coil 30A PCB or Panel Mount Relay (Continued) 09-2015, Rev. 0815 www.te.com © 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 3 Potter & Brumfield Terminal assignment Bottom view on pins 1 Form A 1 Form B 1 Form C Product code structure Typical product code T9A S 5 D 2 2 -12 Type T9A Power PCB or panel mount relay T9A Enclosure N Open, no enclosure (requires mounting code 1) P Dust protected plastic case (requires mounting code 5) S Wash-tight plastic case with knock off nib (requires mounting code 1 or 2) V Flux-proof plastic case (requires mounting code 1 or 2) Contact arrangement 1 1 form A (1 NO) 2 1 form B (1 NC) 5 1 form C (1 CO) Coil Input D DC voltage, 1W L DC voltage, 900mW H1) DC voltage, 1W (+0/-10 percent coil resistance) Mounting and termination 1 PCB mounting; PCB terminals for coil and contacts (only available with enclosure code N, S or V) 2 PCB mounting; PCB term. for coil and contacts; 6.35mm (.250in) QC for contacts (only available with enclosure code N, S or V) 5 Flanged mounting; 4.75mm (.187) QC for coil; 6.35mm (.250in) QC for contacts (only available with enclosure code P) Contact material 2 AgCdO 4 AgSnOInO 7 AgCdO (Enhanced version) Coil voltage Coil code: please refer to coil versions table 1) “H” type coil is only available in mounting termination options 2 & 5. Dimensions Plain case Bracket mount case .032 x .062 (.8 x 1.6) TERMINALS .212 MAX. (5.38) .10 MAX. (2.54) .045 x .045 (1.14 x 1.14) TERMINAL .805 MAX. (20.4) .69 (17.6) 1.280 MAX. (32.51) 1.08 MAX. (27.43) .50 (12.8) .03 (.80) TERMINALS .130 + .016 – .010 3.30 + .41 –.25 ( ) Ø .016 (.43) .950 MAX. (24.13) 1.20 MAX. (30.5) .680 MAX. (17.27) .130 ± .020 (3.3 ± .51) .045 x .045 (1.14 x 1.14) TERMINAL .032 x .062 (.8 x 1.6) TERMINALS .03 (0.80) TERMINALS Ø PCB layout Bottom view on pins T9AP/S - Mounting and termination code 2 T9AS/V - Mounting and termination code 1 .140 MAX. (3.56) .250 MAX. (6.35) .300 (7.62) .100 (2.54) .150 (3.81) .500 (12.7) .550 (13.97) .700 (17.78) .043 ± .003 DIA. (1.09 ± .08) .081 ± .005 DIA. (2.06 ± .13) .600 (15.24) .078 ± .003 DIA. (1.98 ± .08) .300 (7.62) .100 (2.54) .150 (3.81) .500 (12.7) .550 (13.97) .700 (17.78) .043 ± .003 DIA. (1.09 ± .08) .081 ± .005 DIA. (2.06 ± .13) .600 (15.24) .212 MAX. (5.38) .078 ± .003 DIA. (1.98 ± .08) Only necessary terminals are present on single throw models. Consequently, some holes will be unnecessary for single throw models. Only necessary terminals are present on single throw models. Consequently, some holes will be unnecessary for single throw models. Diagram Dimensions Tolerance <1mm ±0.1 1~3mm ±0.2 >3mm ±0.3 Notes: 1) General tolerance 2) Dimensions of the pins after tin soldering for PCB type a) +0.2 for the widht and thickness b) +0.5 for the lenght |
同様の部品番号 - 4-1419104-1 |
|
同様の説明 - 4-1419104-1 |