データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3KP6.5C データシート(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

部品番号 3KP6.5C
部品情報  Uni-directional Versions Available
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
ホームページ  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

3KP6.5C データシート(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  3KP6.5C Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 3KP6.5C Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 3KP6.5C Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 3KP6.5C Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd 3KP6.5C Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3KP5.0A/CA—3KP190A/CA
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 3.5V at IF = 50A
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
3KP5.0
3KP5.0C
5.0
6.40
7.55
10
9.6
312.5
1000.0
3KP5.0A
3KP5.0CA
5.0
6.40
7.25
10
9.2
326.1
1000.0
3KP6.0
3KP6.0C
6.0
6.67
8.45
10
11.4
263.2
1000.0
3KP6.0A
3KP6.0CA
6.0
6.67
7.67
10
10.3
291.3
1000.0
3KP6.5
3KP6.5C
6.5
7.22
9.14
10
12.3
243.9
500.0
3KP6.5A
3KP6.5CA
6.5
7.22
8.30
10
11.2
267.9
500.0
3KP7.0
3KP7.0C
7.0
7.78
9.86
10
13.3
225.6
200.0
3KP7.0A
3KP7.0CA
7.0
7.78
8.95
10
12.0
250.0
200.0
3KP7.5
3KP7.5C
7.5
8.33
10.67
1.0
14.3
209.8
50.0
3KP7.5A
3KP7.5CA
7.5
8.33
9.58
1.0
12.9
232.6
50.0
3KP8.0
3KP8.0C
8.0
8.89
11.3
1.0
15.0
200.0
10.0
3KP8.0A
3KP8.0CA
8.0
8.89
10.23
1.0
13.6
220.6
10.0
3KP8.5
3KP8.5C
8.5
9.44
11.92
1.0
15.9
188.7
5.0
3KP8.5A
3KP8.5CA
8.5
9.44
10.82
1.0
14.4
208.3
5.0
3KP9.0
3KP9.0C
9.0
10.0
12.6
1.0
16.9
177.5
5.0
3KP9.0A
3KP9.0CA
9.0
10.0
11.5
1.0
15.4
194.8
5.0
3KP10
3KP10C
10
11.1
14.1
1.0
18.8
159.6
5.0
3KP10A
3KP10CA
10
11.1
12.8
1.0
17.0
176.5
5.0
3KP11
3KP11C
11
12.2
15.4
1.0
20.1
149.3
5.0
3KP11A
3KP11CA
11
12.2
14.0
1.0
18.2
164.8
5.0
3KP12
3KP12C
12
13.3
16.9
1.0
22.0
136.4
5.0
3KP12A
3KP12CA
12
13.3
15.3
1.0
19.9
150.8
5.0
3KP13
3KP13C
13
14.4
18.2
1.0
23.8
126.1
5.0
3KP13A
3KP13CA
13
14.4
16.5
1.0
21.5
139.5
5.0
3KP14
3KP14C
14
15.6
19.8
1.0
25.8
116.3
5.0
3KP14A
3KP14CA
14
15.6
17.9
1.0
23.2
129.3
5.0
3KP15
3KP15C
15
16.7
21.1
1.0
26.9
111.5
5.0
3KP15A
3KP15CA
15
16.7
19.2
1.0
24.4
123.0
5.0
3KP16
3KP16C
16
17.8
22.6
1.0
28.8
104.2
5.0
3KP16A
3KP16CA
16
17.8
20.5
1.0
26.0
115.4
5.0
3KP17
3KP17C
17
18.9
23.9
1.0
30.5
98.4
5.0
3KP17A
3KP17CA
17
18.9
21.7
1.0
27.6
108.7
5.0
3KP18
3KP18C
18
20.0
25.3
1.0
32.2
93.2
5.0
3KP18A
3KP18CA
18
20.0
23.3
1.0
29.2
102.7
5.0
3KP20
3KP20C
20
22.2
28.1
1.0
35.8
83.8
5.0
3KP20A
3KP20CA
20
22.2
25.5
1.0
32.4
92.6
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WWW.SEMITECH.CN


同様の部品番号 - 3KP6.5C

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
3KP6.5C PANJIT-3KP6.5C Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
UN Semiconducctor INC
3KP6.5C UNSEMI-3KP6.5C Datasheet
3Mb / 7P
   null5.0 To 190V 3000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Surge Components
3KP6.5C SURGE-3KP6.5C Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP6.5C WTE-3KP6.5C Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3KP6.5C FORMOSA-3KP6.5C Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
More results

同様の説明 - 3KP6.5C

メーカー部品番号データシート部品情報
logo
Shanghai Semitech Semic...
SA440CA SEMITECH-SA440CA Datasheet
244Kb / 6P
   Uni-directional Versions Available
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
   PCB versions available
logo
TE Connectivity Ltd
EV200P TEC-EV200P Datasheet
227Kb / 2P
   RoHS versions available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
IK Semicon Co., Ltd
ILX75176 IKSEMICON-ILX75176 Datasheet
474Kb / 8P
   Half-Duplex Versions Available
logo
JFW Industries, Inc.
50FHLB-XXX-100 JFW-50FHLB-XXX-100 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
50HF-XXX-100-6 JFW-50HF-XXX-100-6 Datasheet
28Kb / 1P
   FIXED ATTENUATOR UNI-DIRECTIONAL
50FHIQ-XXX-1000 JFW-50FHIQ-XXX-1000 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
logo
SeCoS Halbleitertechnol...
SD36 SECOS-SD36_17 Datasheet
300Kb / 2P
   TVS Protection (Uni-Directional)
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
   UNI-DIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com