データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW5A データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 FW5A
部品情報  Electrical Characteristics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FW5A データシート(HTML) 1 Page - TE Connectivity Ltd

  FW5A Datasheet HTML 1Page - TE Connectivity Ltd FW5A Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Terminals
.600
(15.24)
.400
(10.16)
.400
(10.16)
.400
(10.16)
BLUE
.200
(5.08)
.600
(15.24)
BLUE
.200
(5.08)
CL
.200
(5.08)
CL
BLUE BEAD
.030 RAD.
(.76)
.210
(5.33) MAX
.030 +.003 –.002
(0.76 +.08 –.06)
.187±.020
(4.75 ±.51)
3.000 ±.000
(76.20 ±.76)
.600
(15.24)
.030 +.003 –.002
(0.76 +.08 –.06)
.030 +.003 –.002
(0.76 +.08 –.06)
1–68
CII Low Signal Relays
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
Double Pole, Electrically Held, 5 Amps and Less (Continued)
1
FW
SF
23
FW, FW5A, SF, SF5A
Two Pole Full Size
Crystal-Can Relay
FW Qualified to
MIL-R-5757/10
Terminal View
BLUE BEAD
B1
A2
X1
A3
A1
B2
X2
B3
(+)
Product Facts
n Hermetically sealed
n Up to 5 amps switching
n High shock & vibration
ratings
n Optional terminals &
mounting options
n Excellent RF switching
Electrical Characteristics
Contact Arrangement —
2 Form C
Contact Material —
Stationary —
Bifurcated hardened silver alloy
Moveable —
Gold plated hardened alloy
Contact Resistance —
Before Life — 50 milliohms max.
(measured at 10 mA @ 6 Vdc)
After Life — 100 milliohms max.
(measured @ 2 mA @ 28 Vdc)
Mechanical Life Expectancy —
50 million operations
Coil Voltage —
6.3 to 110 Vdc (FW, FWSA)
1.8 to 40 Vdc (SF)
2.8 to 40 Vdc (SFSA)
Coil Power — 1.5 watts max. @ 25°C
Duty Cycle — Continuous
Pick-up Voltage — Approximately
50% of nominal coil voltage
Pick-up Sensitivity —
250 mW (FW, FWSA)
40 mW (SF)
80 mW (SF5A)
Operating Characteristics
Operate Time —
15 ms max. (SF)
5 ms (FW, FWSA))
6 ms max. (MIL-R-5757/10)
Release Time —
10 ms max. (SF)
5 ms max. (FW, FWSA)
6 ms max. (MIL-R-5757/10)
Contact Bounce — 2 ms max.
Dielectric Withstanding Voltage —
Between Open Contacts —
500 Vrms 60 Hz
Between Adjacent Contacts —
1,000 Vrms 60 Hz
Between Contacts and Coil —
1,000 Vrms 60 Hz
Insulation Resistance —
10,000 megohms min @ 500 Vdc
Environmental Characteristics
Temperature Range —
-65°C to +125°C
Weight —
0.6 oz. max. (FW, FWSA)
0.7 oz. max. (SF 6)
1.1 oz. max. (SF/SF 5A)
Vibration Resistance —
Standard —
20 G’s, 10 to 2000 Hz (FW, FWSA)
15 G’s, 10 to 2000 Hz (SF)
QPL —
20 G’s, 10 to 2000 Hz
Shock Resistance —
100 G’s, 6 ±1 ms
QPL Approval —
MIL-R-5757/10 (FW only)
QPL Equivalent —
MIL-R-5757/13 (SF only)
RF Performance
Frequency (MHz)
RF Losses (dB)
VSWR
Isolation (dB)
100
0.1
1.17:1
40
250
0.2
1.18:1
33
500
0.3
1.19:1
28
750
0.4
1.19:1
25
1,000
0.4
1.19:1
23
Contact Ratings
Contact
Type
Operations
Load
Min.
5 A @ 28 Vdc (FW5A/SF5A)
Resistive
100,000
3 A @ 28 Vdc (FW)
Resistive
100,000
2 A @ 28 Vdc (SF)
Resistive
100,000
1 A @ 115 Vac, 60 Hz & 400 Hz (FW)
Resistive
100,000
0.3 A @ 115 Vac, 60 Hz & 400 Hz (SF)
Resistive
100,000
1 A @ 28 Vdc
Inductive (200 mH)
100,000
0.1 A @ 28 Vdc
Lamp
100,000
10 µA @ 50 mVdc
Low Level
1,000,000
75 WATTS @ 50 MHz (FW)
RF
10,000,000


同様の部品番号 - FW5A

メーカー部品番号データシート部品情報
logo
Kemet Corporation
FW5-120X120T2900 KEMET-FW5-120X120T2900 Datasheet
220Kb / 1P
   KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
FW5-240X240T2900 KEMET-FW5-240X240T2900 Datasheet
220Kb / 1P
   KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
FW5-240X80T2900 KEMET-FW5-240X80T2900 Datasheet
217Kb / 1P
   KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
FW5-80X80T2900 KEMET-FW5-80X80T2900 Datasheet
220Kb / 1P
   KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
logo
List of Unclassifed Man...
FW50 ETC1-FW50 Datasheet
57Kb / 1P
   50 Watt AC Adapter
More results

同様の説明 - FW5A

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5738A NJSEMI-1N5738A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5744A NJSEMI-1N5744A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5754A NJSEMI-1N5754A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5968 NJSEMI-1N5968 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com