データシートサーチシステム |
|
W.FL2-R-SMT-1(60) データシート(PDF) 2 Page - Hirose Electric |
|
W.FL2-R-SMT-1(60) データシート(HTML) 2 Page - Hirose Electric |
2 / 8 page 2 W.FL2 Series ●Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height ■Specifications Rating Nominal characteristic impedance 50ø Operating temperature range -40°C to +90°C (90%RH max.) Frequency range DC to 6 GHz Storage temperature range Item Specification 1. Contact resistance 20 mø max. (center contact), l0 mø max. (outer contact) 2. Insulation resistance 500 Mø min., 100 V DC 3. Withstanding voltage 200 V AC / 1 minute 4. V.S.W.R. 1.3 max. (DC to 3 GHz) 1.4 max. (3 GHz to 6 GHz) * V.S.W.R. Measurement as shown on the block diagram below. Note: Verify connection and measurement setup. Note1. The term “storage” refers to products stored for long period of time prior to mounting and use. Note1: Cable assembly measurements with SMA conversion adapters mated with W.FL2 plug at each end of the 100cm long ultra-fine coaxial cable. Note2: Receptacles mounted on a 50 ohms glass epoxy board. Measurements were conducted with SMA conversion adapters attached. Network Analyzer Test Set Test Port Termination D.U.T Test Post Cable -30°C to +70°C (90%RH max.)Note 1 ■Materials ■Materials ●Plugs – Right Angle Part Material Finish Shell Phosphor bronze Silver plated/Gold plated(062) Insulator PBT Color: Black, UL94V-0 Insulator (HF type) LCP Color: Milky white, UL94V-0 Female center contact Phosphor bronze Gold plated ●Receptacle Part Material Finish Shell Phosphor bronze Silver plated Insulator LCP Color: Black, UL94V-0 Male center contact Brass Gold plated |
同様の部品番号 - W.FL2-R-SMT-1(60) |
|
同様の説明 - W.FL2-R-SMT-1(60) |