データシートサーチシステム |
|
SMA6J75A データシート(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd |
|
SMA6J75A データシート(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd |
3 / 5 page SMA6J Series Rev. 2.0, 10-Nov.-16 WWW.SEMITECH.CN Type Number Marking Reverse Stand- Off Voltage Breakdown Voltage Min. @IT Breakdown Voltage Max. @ IT Test Current Maximum Clamping Voltage @IPP Peak Pulse Current Reverse Leakage @VRMW (Uni) (Bi) (Uni) (Bi) VRMW(V) VBR MIN(V) VBR MAX(V) IT (mA) VC(V) IPP(A) IR(uA) SMA6J78A SMA6J78CA RT WT 78.0 86.70 95.80 1 126.0 4.8 1 SMA6J85A SMA6J85CA RV WV 85.0 94.40 104.00 1 137.0 4.4 1 SMA6J90A SMA6J90CA RX WX 90.0 100.00 111.00 1 146.0 4.1 1 SMA6J100A SMA6J100CA RZ WZ 100.0 111.00 123.00 1 162.0 3.7 1 SMA6J110A SMA6J110CA SE XE 110.0 122.00 135.00 1 177.0 3.4 1 SMA6J120A SMA6J120CA SG XG 120.0 133.00 147.00 1 193.0 3.1 1 SMA6J130A SMA6J130CA SK XK 130.0 144.00 159.00 1 209.0 2.9 1 SMA6J150A SMA6J150CA SM XM 150.0 167.00 185.00 1 243.0 2.5 1 SMA6J160A SMA6J160CA SP XP 160.0 178.00 197.00 1 259.0 2.3 1 SMA6J170A SMA6J170CA SR XR 170.0 189.00 209.00 1 275.0 2.2 1 SMA6J180A SMA6J180CA ST XT 180.0 201.00 222.00 1 292.0 2.1 1 ※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double. ※ For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts. I-V Curve Characteristics PPPM Peak Pulse Power Dissipation - Max power dissipation VRWM Reverse Stand-off Voltage - Maximum voltage that can be applied to TVS without operation VBR Breakdown Voltage – Maximum voltage that flows though the TVS at a specified current (IT) VC Clamping Voltage – Peak voltage measured across the TVS at a specified IPPM (peak impulse current) IR Reverse Leakage Current – Current measured at VR VF Forward Voltage Drop for Uni-directional Bi-directional Uni-directional |
同様の部品番号 - SMA6J75A |
|
同様の説明 - SMA6J75A |