データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9-1419111-8 データシート(PDF) 2 Page - TE Connectivity Ltd

部品番号 9-1419111-8
部品情報  Mechanical indicator, optional LED and protection diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-1419111-8 データシート(HTML) 2 Page - TE Connectivity Ltd

  9-1419111-8 Datasheet HTML 1Page - TE Connectivity Ltd 9-1419111-8 Datasheet HTML 2Page - TE Connectivity Ltd 9-1419111-8 Datasheet HTML 3Page - TE Connectivity Ltd 9-1419111-8 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Industrial Relays
Miniature Relay PT (Continued)
Insulation Data
PT2
PT3
PT5
Initial dielectric strength
between open contacts
1200Vrms
1200Vrms
1200Vrms
between contact and coil
2500Vrms
2500Vrms
2500Vrms
between adjacent contacts
2500Vrms
2500Vrms
2000Vrms
Initial surge withstand voltage
between contact and coil
5000V (1.2/50µs)
Clearance/creepage
between contact and coil
≥4/4mm
≥4/4mm
≥4/4mm
between adjacent contacts
≥3.5/9.5mm ≥2.6/3.5mm ≥1.8/3.5mm
Material group of insulation parts
IIIa
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +70°C
Cold storage, IEC 60068-2-1
-40°C/16h
Dry heat, IEC 60068-2-2
85°C/16h
Category of environmental protection
IEC 61810
RTII - flux proof
Vibration resistance (functional),
form A (NO)/form B (NC)
7/4g
Shock resistance (functional),
form A (NO)/form B (NC)
20/5g
Terminal type
PCB-THT, plug-in
quick-connect
Cover retention, pull/push force
100/100N
Weight
30g
Mounting distance, for mounting on PCB
5mm
Resistance to soldering heat THT
IEC 60068-2-20
270°C/10s
Packaging unit
10/250pcs.
Accessories
For details see datasheet
Accessories Miniature Relay PT
Note: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
Product Sets
Complete sets consisting of a relay
mounted on a socket see
Package PT
Coil Data (continued)
Coil versions, DC coil, standard
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)2)
mW
006
6
4.5
0.6
48
750
012
12
9.0
1.2
192
750
024
24
18.0
2.4
777
741
048
48
36.0
4.8
3072
750
060
60
45.0
6
48451)
743
110
110
82.5
11
161332)
750
220
220
165.0
22
645332)
750
Coil versions, DC coil with bipolar LED or LED and protection diode
Coil code
Rated
Operate
Release
Coil
Rated coil
bipol. LED+
voltage
voltage
voltage
resistance +LED pwr.
LED
PD3)
VDC
VDC
VDC
Ω±10%1)2)
mW
L06
LA6
6
4.5
0.6
48
750+3.5
L12
LB2
12
9.0
1.2
192
750+10
L24
LC4
24
18.0
2.4
777
741+18
L48
LE8
48
36.0
4.8
3072
750+38
L60
LG0
60
45.0
6.0
48451)
743+56
M10
MB0
110
82.5
11.0
161332)
750+96.5
N20
NC0
220
165.0
22.0
645332)
750+202.5
1) Coil resistance ±12%, 2) Coil resistance ±15%,
3) Protection diode PD; standard polarity: +A1/-A2
All figures are given for coil without pre-energization, at ambient temperature +23°C
Coil versions, AC coil, 50/60Hz
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
LED
voltage
voltage
voltage
resistance
power
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ω±10%1)2)
VA
506
R06
6
4.8/5.4
1.8
11
1.0/0.85
512
R12
12
9.6/10.8
3.6
48
1.0/0.85
524
R24
24
19.2/21.6
7.2
192
1.0/0.79
548
R48
48
38.4/43.2
14.4
777
1.0/0.87
560
R60
60
48.0/54.0
18.0
1306
1.0/0.87
615
S15
115
92.0/103.5
34.5
48451)
1.0/0.86
730
T30
230
184/207
69.0
194652)
1.0/0.90
1) Coil resistance ±12%, 2) Coil resistance ±15%
All figures are given for coil without pre-energization, at ambient temperature +23°C


同様の部品番号 - 9-1419111-8

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
9-1419121-1 TEC-9-1419121-1 Datasheet
143Kb / 2P
   OMIH Customer Drawing
9-1419121-4 TEC-9-1419121-4 Datasheet
135Kb / 2P
   CHANGE LOGO ADD CQC, LINE IDENTIFIER AND PLATING THICKNESS
9-1419121-5 TEC-9-1419121-5 Datasheet
135Kb / 2P
   CHANGE LOGO ADD CQC, LINE IDENTIFIER AND PLATING THICKNESS
9-1419125-5 TEC-9-1419125-5 Datasheet
120Kb / 2P
   SDT-LMR2 Customer Drawing
9-1419125-7 TEC-9-1419125-7 Datasheet
119Kb / 2P
   Change te logo&add line identification&terminals tolerance clarification
More results

同様の説明 - 9-1419111-8

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
PT2S7LB2 TEC-PT2S7LB2 Datasheet
309Kb / 3P
   Mechanical and electrical indicator
RM-2 TEC-RM-2 Datasheet
333Kb / 4P
   Mechanical indicator
RM8 TEC-RM8 Datasheet
293Kb / 3P
   Mechanical indicator
logo
Balluff Korea Ltd.
BAM00NU BALLUFF-BAM00NU Datasheet
90Kb / 1P
   Mechanical Protection
0.31_2021-11-04
BAM009T BALLUFF-BAM009T Datasheet
89Kb / 1P
   Mechanical Protection
0.29_2021-04-02
BAM025U BALLUFF-BAM025U Datasheet
96Kb / 1P
   Mechanical Protection
0.41_2021-08-24
BAM009N BALLUFF-BAM009N Datasheet
88Kb / 1P
   Mechanical Protection
0.33_2021-04-01
BAM009R BALLUFF-BAM009R Datasheet
87Kb / 1P
   Mechanical Protection
0.31_2021-04-01
BAM025T BALLUFF-BAM025T Datasheet
90Kb / 1P
   Mechanical Protection
0.33_2021-06-22
BAM009P BALLUFF-BAM009P Datasheet
89Kb / 1P
   Mechanical Protection
0.29_2021-04-01
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com