データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-1393243-5 データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 3-1393243-5
部品情報  Power PCB Relay RT2 DC and AC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393243-5 データシート(HTML) 1 Page - TE Connectivity Ltd

  3-1393243-5 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393243-5 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393243-5 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393243-5 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
n
2 pole 8A, 2 form C (CO) or 2 form A (NO) contacts
n
DC or AC coil
n
5kV/10mm coil-contact, reinforced insulation
n
Ambient temperature up to 85°C
n
WG version: product in accordance to IEC60335-1
n
Reflow version: for THR (Through-Hole Reflow) soldering process
Typical applications
Boiler control, timers, garage door control, POS automation, interface
modules.
Approvals
VDE Cert. No. 40007571, UL E214025, cCSAus 1142018
Technical data of approved types on request.
Contact Data
Contact arrangement
2 form C (CO) or 2 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
8A, UL: 10A
Limiting continuous current
8A, UL: 10A
Limiting making current, max. 4s, duty factor 10% 15A
Breaking capacity max.
2000VA
Contact material
AgNi 90/10, AgNi 90/10 gold plated,
AgSnO
2
Frequency of operation, with/without load
DC coil
360/72000h-1
AC coil
360/36000h-1
Operate/release time max., DC coil
8/6ms
Bounce time max., DC coil, form A/form B
4/10ms
Electrical endurance
see electrical endurance graph1)
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RT424 DC coil C (CO)
8A, 250VAC, cos
φ=1, 85°C
10x103
RT444 AC coil A (NO)
8A, 250VAC, cos
φ=1, 70°C
50x103
RT424 AC coil C (CO)
8A, 250VAC, cos
φ=1, 70°C
30x103
UL 508
RT424 DC coil A/B (NO/NC) 10A, 250VAC, gen. purpose, 85°C 20x103
RT424 DC coil A/B (NO/NC) 1/2hp, 240VAC, 85°C
1x103
RT424 DC coil A/B (NO/NC) Pilot duty, B300, R300, 85°C
6x103
EN60947-5-1
RTE24 DC coil A/B (NO/NC) AC15, 250VAC, 3A
6.050
RTE24 DC coil A/B (NO/NC) DC13, 24VDC, 2A
6.050
RTE24 DC coil A/B (NO/NC) DC13, 250VDC, 0.2A
6.050
EN60730-1
RT424 DC coil A/B (NO/NC) 6(2)A, 250VAC, 85°C
100x103
1) For reflow solderable versions: actual contact performance may be influenced by the
reflow soldering process.
Contact Data (continued)
Mechanical endurance
DC coil
>30x106 operations
DC coil, reflow version
>10x106 operations
AC coil
>5x106 operations
AC coil, reflow version
>2x106 operations
Coil Data
Coil voltage range, DC coil/AC coil
5 to 110VDC / 24 to 230VAC
Operative range, IEC 61810
2
Coil insulation system according UL
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%2)
mW
005
5
3.5
0.5
62
403
006
6
4.2
0.6
90
400
009
9
6.3
0.9
200
400
012
12
8.4
1.2
360
400
024
24
16.8
2.4
1440
400
048
48
33.6
4.8
5520
417
060
60
42.0
6.0
85702)
420
110
110
77.0
11.0
288002)
420
2) Coil resistance ±12%. All figures are given for coil without pre-energization, at ambient
temperature +23°C. Other coil voltages on request.
Coil versions, AC coil 50Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VAC
VAC
VAC
Ω±15%3)
VA
524
24
18.0
3.6
3503)
0.76
615
115
86.3
17.3
8100
0.76
620
120
90.0
18.0
8800
0.75
700
200
150.0
30.0
24350
0.76
730
230
172.5
34.5
32500
0.74
3) Coil resistance ±10%. All figures are given for coil without pre-energization, at ambient
temperature +23°C, 50Hz. Other coil voltages on request.
Power PCB Relay RT2 DC and AC (for global markets)
Z b


同様の部品番号 - 3-1393243-5

メーカー部品番号データシート部品情報
logo
Tyco Electronics
3-1393243-5 MACOM-3-1393243-5 Datasheet
575Kb / 3P
   Power PCB Relay RT2
3-1393243-5 MACOM-3-1393243-5 Datasheet
575Kb / 3P
   Power PCB Relay RT2
More results

同様の説明 - 3-1393243-5

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
RT423730 TEC-RT423730 Datasheet
410Kb / 4P
   Power PCB Relay RT2 DC and AC (for global markets)
logo
Tyco Electronics
2-1393243-3 MACOM-2-1393243-3 Datasheet
642Kb / 3P
   Power PCB Relay RT2
2-1393243-0 MACOM-2-1393243-0 Datasheet
642Kb / 3P
   Power PCB Relay RT2
RT424005 MACOM-RT424005_05 Datasheet
215Kb / 3P
   Power PCB Relay RT2
RT424005F MACOM-RT424005F Datasheet
542Kb / 3P
   Power PCB Relay RT2
8-1393243-5 MACOM-8-1393243-5 Datasheet
575Kb / 3P
   Power PCB Relay RT2
2-1393243-1 MACOM-2-1393243-1 Datasheet
642Kb / 3P
   Power PCB Relay RT2
2-1393243-6 MACOM-2-1393243-6 Datasheet
642Kb / 3P
   Power PCB Relay RT2
1649329-9 MACOM-1649329-9 Datasheet
575Kb / 3P
   Power PCB Relay RT2
RT424A12 MACOM-RT424A12 Datasheet
222Kb / 3P
   Power PCB Relay RT2 bistable
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com