データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KH561 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 KH561
部品情報  Wideband, Low Distortion Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KH561 データシート(HTML) 4 Page - Fairchild Semiconductor

  KH561 Datasheet HTML 1Page - Fairchild Semiconductor KH561 Datasheet HTML 2Page - Fairchild Semiconductor KH561 Datasheet HTML 3Page - Fairchild Semiconductor KH561 Datasheet HTML 4Page - Fairchild Semiconductor KH561 Datasheet HTML 5Page - Fairchild Semiconductor KH561 Datasheet HTML 6Page - Fairchild Semiconductor KH561 Datasheet HTML 7Page - Fairchild Semiconductor KH561 Datasheet HTML 8Page - Fairchild Semiconductor KH561 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DATA SHEET
KH561
4
REV. 1A February 2001
KH561 Typical Performance Characteristics (TA = +25°C, Circuit in Figure 1; unless specified)
Small Signal Gain and Phase
Frequency (MHz)
6
8
10
12
14
16
0
50
100
150
200
250
Maximally Flat
0
-90
-360
-180
-270
0% Overshoot
Gain
Phase
Po = 10dBm
Frequency Response vs. Gain
Frequency (MHz)
0
50
100
150
200
250
Po = 10dBm
Av = 10
Av = 5
Av = 15
Av = 20
Re-compensated at
each gain (see text)
Frequency Response vs. Output Power
Frequency (MHz)
16
12
6
0
40
80
120
160
200
10
8
14
Po = 10dBm
Vo = 2Vpp
Po = 24dBm
Vo = 10Vpp
Po = 27.5dBm
Vo = 15Vpp
Po = 18dBm
Vo = 5Vpp
Frequency Response vs. RL
Frequency (MHz)
0
50
100
150
200
250
Pi = -4dBm
RL = 50
RL = 25
RL = 75
RL = 100
Fixed gain and
compensated vs. load
Frequency Response vs. Power Supply
Frequency (MHz)
0
50
100
150
200
250
Po = 10dBm
±VCC = 18
±VCC = 12
±VCC = 15
±VCC = 10
16
12
6
10
8
14
Re-compensated at
each supply voltage
Frequency Response vs. Ro
Frequency (MHz)
0
50
100
150
200
250
Pi = -4dBm
Ro = 50
Ro = 25
Ro = 75
Ro = 100
Response measured with matched load
Re-compensated at each Ro
Frequency Response vs. Gain (Ro, RL = 75
Ω)
Frequency (MHz)
0
50
100
150
200
250
Vo = 2Vpp
Av = 5
Av = 10
Av = 15
Av = 20
Re-compensated
at each gain
Gain Flatness/Deviation from Linear Phase
Frequency (MHz)
0
20406080
100
Gain
Phase
Po = 10dBm
Internal Current Gain and Phase
Frequency (MHz)
-30
-20
0
20
30
10
0
100
200
300
400
500
180
90
-180
0
-90
Gain
Phase
-10
Cx = 0
RL = 0
Phase consistant with current
polarity connection of Figure 3
Two Tone, 3rd-Order Intermodulation
Frequency (MHz)
45
35
20
0
20406080
100
30
25
40
Av = 15
Av = 5
Av = 10
Av = 20
Re-compensated
at each gain
2nd Harmonic Distortion vs. Frequency
Output Power (dB)
-25
-45
-75
4
8
12
16
20
24
-55
-65
-35
50MHz
10MHz
20MHz
100MHz
3rd Harmonic Distortion vs. Frequency
Output Power (dB)
-25
-45
-75
4
8
12
16
20
24
-55
-65
-35
50MHz
10MHz
20MHz
100MHz
Frequency Response Driving CL
Frequency (MHz)
0
50
100
150
200
250
Av = +5
Ro = 25
Vo = 2Vpp
CL = 100pF
CL = 20pF
CL = 50pF
Re-compensated
at each CL
2nd Harmonic Distortion Driving CL
Frequency (MHz)
10
20
30
40
50
100
Av = +5
Ro = 25
Vo = 2Vpp
CL = 100pF
CL = 20pF
CL = 50pF
70
-80
-70
-60
-50
-40
-30
Compensation as shown in
Frequency Response plot
3rd Harmonic Distortion Driving CL
Frequency (MHz)
10
20
30
40
50
100
Av = +5
Ro = 25
Vo = 2Vpp
CL = 100pF
CL = 20pF
CL = 50pF
70
-80
-70
-60
-50
-40
-30


同様の部品番号 - KH561

メーカー部品番号データシート部品情報
logo
Cadeka Microcircuits LL...
KH561 CADEKA-KH561 Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AI CADEKA-KH561AI Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AK CADEKA-KH561AK Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AK/AM CADEKA-KH561AK/AM Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AM CADEKA-KH561AM Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
More results

同様の説明 - KH561

メーカー部品番号データシート部品情報
logo
Cadeka Microcircuits LL...
KH560 CADEKA-KH560 Datasheet
354Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH563 CADEKA-KH563 Datasheet
265Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Fairchild Semiconductor
KH560 FAIRCHILD-KH560 Datasheet
182Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Cadeka Microcircuits LL...
KH561 CADEKA-KH561 Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
National Semiconductor ...
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
   Wideband, Low Distortion DriveR-Amps
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Texas Instruments
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MHW1304L MOTOROLA-MHW1304L Datasheet
49Kb / 2P
   Low Distortion Wideband Reverse Amplifier Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com