データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2-1393115-7 データシート(PDF) 2 Page - TE Connectivity Ltd

部品番号 2-1393115-7
部品情報  Single or dual wound DC coils or single wound AC coils
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-1393115-7 データシート(HTML) 2 Page - TE Connectivity Ltd

  2-1393115-7 Datasheet HTML 1Page - TE Connectivity Ltd 2-1393115-7 Datasheet HTML 2Page - TE Connectivity Ltd 2-1393115-7 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Purpose Relays
Industrial Relays
KUL Series Latching Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Accessories
For details see datasheet
Sockets and Accessories, KUP Relays
Product Code Description
27E893
DIN socket (use 20C318 clip)
27E121
Track mount socket (use 20C314 clips)
27E043
Chassis mount/solder eyelet socket (use 20C254 clip)
27E046
Chassis mount/PCB socket (use 20C254 clip)
27E067
Chassis mount/quick connect socket (use 20C254 clip)
27E396
Snap-in/quick connect socket (use 20C254 clip)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
Single coil: -45ºC to 70ºC
Dual coil: -45ºC to 50ºC
AC coil
Single coil: -45ºC to 70ºC
Category of environmental protection
IEC 61810
RTI - dust protected
Terminal type
Quick connects (QC) .187
Weight
96g
Packaging/unit
tray/25 pcs., box/150pcs.
Dimensions
Plain case
Bracket mount case
Terminal dimensions
4.75mm (.187) quick connect
.125
(3.18)
.078
(1.98)
.187±.002
(4.75±.05)
.250
(6.35)
281 REF.
(7.14)
THICKNESS
.020
(.51)
HEADER
1.406 MAX.
(35.71)
1.531 MAX.
(38.89)
1
2
3
4
5
6
7
8
9
A
B
2.156 MAX.
(54.76)
.281 REF.
(7.14)
1.906 MAX.
(48.41)
.75
(19.1)
2.90 MAX.
(73.7)
.078 R.TYP.
(1.98)
.281 REF.
(7.14)
1.531 MAX.
(38.89)
.312
TYP.
(7.92)
.375
(9.53)
.437
(11.10)
2.500
(63.50)
.625 TYP.
(15.88)
.06
(1.52)
1.406 MAX.
(35.71)
.07
(1.8)
.140 MAX.
(3.56)


同様の部品番号 - 2-1393115-7

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1393115-7 MACOM-2-1393115-7 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
2-1393115-7 TEC-2-1393115-7 Datasheet
599Kb / 3P
   Single or dual wound DC coils or single wound AC coils
More results

同様の説明 - 2-1393115-7

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
KUL-0811 TEC-KUL-0811 Datasheet
599Kb / 3P
   Single or dual wound DC coils or single wound AC coils
logo
Frontier Electronics.
291A FRONTIER-291A Datasheet
66Kb / 2P
   SMD Air Wound Coils
292A FRONTIER-292A Datasheet
75Kb / 2P
   SMD Air Wound Coils
293A FRONTIER-293A Datasheet
70Kb / 2P
   SMD Air Wound Coils
294A FRONTIER-294A Datasheet
70Kb / 2P
   SMD Air Wound Coils
logo
Murata Manufacturing Co...
LQH44PN6R8MP0L MURATA-LQH44PN6R8MP0L Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
LQH44PN470MJ0L MURATA-LQH44PN470MJ0L Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
logo
Linear Technology
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC Module Regulator
logo
Murata Manufacturing Co...
LQH44P MURATA-LQH44P Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com