データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7-1393215-5 データシート(PDF) 3 Page - TE Connectivity Ltd

部品番号 7-1393215-5
部品情報  Vertical and horizontal version
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393215-5 データシート(HTML) 3 Page - TE Connectivity Ltd

  7-1393215-5 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393215-5 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393215-5 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
01-2015, Rev. 0115
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay Card E (Continued)
Product code structure
Typical product code
V23057
-A
0
006
-A
1
01
Type
V23057
Power PCB Relay Card E
Version
A
Horizontal
B
Vertical
Version
0
Standard (nature white)
Coil
Coil code: please refer to coil versions table
Contact set
A
Single contact
Contact material
1
AgNi 0.15
2
AgNi 20
4
AgCdO
Contact configuration
01 1 form C contact (1 CO)
02 1 form A contact (1 NO)
Product code
Version
Contact arrrangement
Contact material
Coil
Part Number
V23057-A0002-A101
Horizontal
1 form C (CO) contact
AgNi 0.15
12VDC
1393215-4
V23057-A0002-A401
AgCdO
1393215-9
V23057-A0006-A101
AgNi 0.15
24VDC
2-1393215-1
V23057-A0006-A201
AgNi 20
2-1393215-3
V23057-A0006-A401
AgCdO
2-1393215-5
V23057-B0001-A101
Vertical
AgNi 0.15
6VDC
6-1393215-6
V23057-B0002-A101
12VDC
6-1393215-7
V23057-B0002-A201
AgNi 20
6-1393215-9
V23057-B0002-A401
AgCdO
7-1393215-1
V23057-B0006-A101
AgNi 0.15
24VDC
7-1393215-5
V23057-B0006-A102
1 form A (NO) contact
7-1393215-9
V23057-B0006-A201
1 form C (CO) contact
AgNi 20
8-1393215-1
V23057-B0006-A401
AgCdO
8-1393215-5
V23057-B0006-A402
1 form A (NO) contact
8-1393215-6
V23057-B0023-A201
1 form C (CO) contact
AgNi 20
60VDC
2-1415543-8
This list represents the most common types and does not show all variants covered by this data sheet.
Other types on request


同様の部品番号 - 7-1393215-5

メーカー部品番号データシート部品情報
logo
Tyco Electronics
7-1393215-5 MACOM-7-1393215-5 Datasheet
460Kb / 3P
   Power PCB Relay Card E
logo
TE Connectivity Ltd
7-1393215-5 TEC-7-1393215-5 Datasheet
332Kb / 3P
   Vertical and horizontal version
7-1393215-5 TEC-7-1393215-5 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results

同様の説明 - 7-1393215-5

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
332Kb / 3P
   Vertical and horizontal version
logo
STMicroelectronics
TDA8185 STMICROELECTRONICS-TDA8185 Datasheet
471Kb / 7P
   HORIZONTAL AND VERTICAL PROCESSOR
logo
OmniVision Technologies...
OV2718 OMNIVISION-OV2718 Datasheet
940Kb / 2P
   horizontal and vertical sub-sampling
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
logo
OmniVision Technologies...
OX02A10 OMNIVISION-OX02A10 Datasheet
645Kb / 2P
   horizontal and vertical sub-sampling
logo
STMicroelectronics
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
94Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
September 1996
TEA2017 STMICROELECTRONICS-TEA2017 Datasheet
402Kb / 12P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com