データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR7 データシート(PDF) 1 Page - TT Electronics.

部品番号 CAR7
部品情報  Superior moisture performance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CAR7 データシート(HTML) 1 Page - TT Electronics.

  CAR7 Datasheet HTML 1Page - TT Electronics. CAR7 Datasheet HTML 2Page - TT Electronics. CAR7 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ultra Precision
Metal Film Resistors
CAR series
Tolerance down to 0.01%
Low TCR’s
High reliability
Superior moisture performance
Non standard values available
Higheststabilitymetalfilmavailable
Matched sets and networks
Ultra Precision
Metal Film Resistors
CAR series
Tolerance down to 0.01%
Low TCR’s
High reliability
Superior moisture performance
Non standard values available
Highest stability metal film available
Matched sets and networks
Tolerance
TCR
CAR5
CAR6
CAR7
ppm/°C 0.01-0.02%
0.05%
0.1-1%
0.01/0.02%
0.05%
0.1-1%
0.01-0.02%
0.05%
0.1-1%
5
50 to 300k
10 to 500k
10 to 500k
50 to 500k
10 to 500k
10 to 500k
50 to 750k
10 to 750k
10 to 750k
10
50 to 300k
10 to 1M
10 to 1M
50 to 500k
10 to 1M
10 to 1M
50 to 750k
10 to 1M
10 to 1.5M
15
50 to 300k
10 to 1M
10 to 1M
50 to 500k
10 to 1M
10 to 1M
50 to 750k
10 to 1M
10 to 3.5M
25
50 to 300k
10 to 1M
10 to 1.5M
50 to 500k
10 to 1M
10 to 3M
50 to 750k
10 to 1M
10 to 5M
50
50 to 300k
10 to 1M
10 to 3M
50 to 500k
10 to 1M
10 to 5M
50 to 750k
10 to 1M
10 to 10M
Dimensions (mm) and Weight (g)
PCB
Min
mounting
Bend
Wt.
Type
L Max
D Max
f min
d nom.
centres
Radius
nom.
CAR5
7.2
2.5
30
0.6
10.2
0.6
0.24
CAR6
10.0
3.7
30
0.6
12.7
0.6
0.40
CAR7
15.5
5.5
30
0.8
18.4
1.2
1.15
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
CAR5
CAR6
CAR7
Notes
Power rating at 70°C
watts
0.25
0.33
0.5
Power rating at 85°C
watts
0.125
0.25
0.33
Resistance range
ohms
10R0 to 3M
10R0 to 5M 10R0 to 10M
Limiting element voltage
volts
250
350
500
TCR (20 to +70°C)
ppm/°C
5(V), 10(T), 15(Y), 25(D), 50(C)
See tolerance/TCR
Resistance tolerance
% 0.01(L), 0.02(P), 0.05(W), 0.1(B), 0.25(C), 0.5(D) & 1(F)
combinations
Standard values
E24, E96 preferred
below
Thermal impedance
°C/watt
110
70
60
Ambient temperature range
Note1: Based on sampling. 100% screened product is available.
°C
-55 to +155
Electrical Data
Table of Resistance Restrictions
Physical Data
A subsidiary of
TT electronics plc
Welwyn Components
178
L
D
f
d
1
Ultra Precision
Metal Film Resistors
CAR series
Tolerance down to 0.01%
Low TCR’s
High reliability
Superior moisture performance
Non standard values available
Highest stability metal film available
Matched sets and networks
Tolerance
TCR
CAR5
CAR6
CAR7
ppm/°C 0.01-0.02%
0.05%
0.1-1%
0.01/0.02%
0.05%
0.1-1%
0.01-0.02%
0.05%
0.1-1%
5
50 to 300k
10 to 500k
10 to 500k
50 to 500k
10 to 500k
10 to 500k
50 to 750k
10 to 750k
10 to 750k
10
50 to 300k
10 to 1M
10 to 1M
50 to 500k
10 to 1M
10 to 1M
50 to 750k
10 to 1M
10 to 1.5M
15
50 to 300k
10 to 1M
10 to 1M
50 to 500k
10 to 1M
10 to 1M
50 to 750k
10 to 1M
10 to 3.5M
25
50 to 300k
10 to 1M
10 to 1.5M
50 to 500k
10 to 1M
10 to 3M
50 to 750k
10 to 1M
10 to 5M
50
50 to 300k
10 to 1M
10 to 3M
50 to 500k
10 to 1M
10 to 5M
50 to 750k
10 to 1M
10 to 10M
Dimensions (mm) and Weight (g)
PCB
Min
mounting
Bend
Wt.
Type
L Max
D Max
f min
d nom.
centres
Radius
nom.
CAR5
7.2
2.5
30
0.6
10.2
0.6
0.24
CAR6
10.0
3.7
30
0.6
12.7
0.6
0.40
CAR7
15.5
5.5
30
0.8
18.4
1.2
1.15
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
CAR5
CAR6
CAR7
Notes
Power rating at 70°C
watts
0.25
0.33
0.5
Power rating at 85°C
watts
0.125
0.25
0.33
Resistance range
ohms
10R0 to 3M
10R0 to 5M 10R0 to 10M
Limiting element voltage
volts
250
350
500
TCR (20 to +70°C)
ppm/°C
5(V), 10(T), 15(Y), 25(D), 50(C)
See tolerance/TCR
Resistance tolerance
% 0.01(L), 0.02(P), 0.05(W), 0.1(B), 0.25(C), 0.5(D) & 1(F)
combinations
Standard values
E24, E96 preferred
below
Thermal impedance
°C/watt
110
70
60
Ambient temperature range
Note1: Based on sampling. 100% screened product is available.
°C
-55 to +155
Electrical Data
Table of Resistance Restrictions
Physical Data
A subsidiary of
TT electronics plc
Welwyn Components
178
L
D
f
d
1
Make Possible
Resistors
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)
12.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


同様の部品番号 - CAR7

メーカー部品番号データシート部品情報
logo
Welwyn Components Limit...
CAR7 WELWYN-CAR7 Datasheet
109Kb / 2P
   Ultra Precision Metal Film Resistors
logo
TT Electronics.
CAR7 TTELEC-CAR7 Datasheet
395Kb / 3P
   Ultra Precision Metal Film Resistors
logo
RRC power solutions Ltd...
CAR70M RRC-CAR70M Datasheet
278Kb / 3P
   Car Adapter DC/DC
logo
IRC - a TT electronics ...
CAR7LF IRCTT-CAR7LF Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
CAR7LFD6K8BA IRCTT-CAR7LFD6K8BA Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
More results

同様の説明 - CAR7

メーカー部品番号データシート部品情報
logo
TT Electronics.
SON TTELEC-SON Datasheet
572Kb / 4P
   Superior temperature performance
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
logo
PREMIER DEVICES, INC.
OR3005230W PDI-OR3005230W Datasheet
159Kb / 4P
   Superior return loss performance
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
   Superior Return Loss Performance
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
logo
New Jersey Semi-Conduct...
2SK249 NJSEMI-2SK249 Datasheet
218Kb / 2P
   Superior Cross Modulation Performance
logo
PREMIER DEVICES, INC.
OS10040280G PDI-OS10040280G Datasheet
161Kb / 5P
   Superior return loss performance
OS10040280GW PDI-OS10040280GW Datasheet
159Kb / 5P
   Superior return loss performance
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com