データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB0565B データシート(PDF) 3 Page - TT Electronics.

部品番号 CB0565B
部品情報  Excellent high frequency performance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CB0565B データシート(HTML) 3 Page - TT Electronics.

  CB0565B Datasheet HTML 1Page - TT Electronics. CB0565B Datasheet HTML 2Page - TT Electronics. CB0565B Datasheet HTML 3Page - TT Electronics. CB0565B Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CHC Series Issue April 2011 Sheet 3 of 4
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data and Schematic Diagrams for 1.0mm Pitch Series
0.64mm ±0.05 diameter
solder bumps
1.00mm
±0.25mm
4.0mm
±0.15mm
0.63m m
±0.1mm
0.50mm
±0.25mm
1.00mm
±0.25mm
9.00mm
±0.15mm
1
2
3
9
8
7
6
5
4
1.27m m
±0.16mm
1
2
3
4
5
6
7
8
9
D
C
B
A
1
2
3
4
5
6
7
8
9
D
C
B
A
CD0910A isolated schematic
(view from top)
CD0910B bussed schematic
(view from top)
1.00m m
±0.25mm
3.0m m
±0.15mm
0.50mm
±0.25mm
1.00m m
±0.25mm
9.00m m
±0.15mm
1
2
3
9
8
7
6
5
4
0.63m m
±0.1mm
1.27m m
±0.16m m
0.64mm ±0.05 diameter
solder bump s
1
2
3
4
5
6
7
8
9
C
B
A
1
2
3
4
5
6
7
8
9
C
B
A
CC0910A isolated schematic
(view from top)
CC0910B bussed schematic
(view from top)
Ceramic Ball Grid
Termination Arrays
Environmental Test
Specification
Typical
Maximum
Thermal shock
MIL-PRF-83401
±0.01%
±0.02%
Low temperature operation
MIL-PRF-83401
±0.01%
±0.05%
Short time overload
MIL-PRF-83401
±0.01%
±0.05%
High temperature exposure
MIL-PRF-83401
±0.03%
±0.05%
Effects of solder
MIL-PRF-83401
±0.01%
±0.05%
Moisture resistance
MIL-STD-202, Method 206
65°C, 45% RH, with bias
±0.02%
±0.01%
Life
MIL-PRF-83401
±0.01%
±0.02%
Environmental Data
Note: Contact A1 indicator marked with dot on top of part. Coplanarity between solder bumps 0.06mm.
Ceramic Ball Grid
Termination Arrays
CHC Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


同様の部品番号 - CB0565B

メーカー部品番号データシート部品情報
logo
TT Electronics.
CB0565B TTELEC-CB0565B Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
More results

同様の説明 - CB0565B

メーカー部品番号データシート部品情報
logo
Linx Technologies
ANT-DB1-LP-RM-01-N LINX-ANT-DB1-LP-RM-01-N Datasheet
444Kb / 2P
   Excellent performance over common frequency antennas
2/20/2018
logo
ALPS ELECTRIC CO.,LTD.
SCTA-B ALPS-SCTA-B Datasheet
1Mb / 1P
   Ideal for RF antennas requiring excellent high-frequency performance
logo
TT Electronics.
PFC-A TTELEC-PFC-A Datasheet
351Kb / 2P
   Excellent high frequency characteristics
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
KOA Speer Electronics, ...
KL731JTTE8N2G KOA-KL731JTTE8N2G Datasheet
545Kb / 4P
   Excellent for high frequency applications
logo
STMicroelectronics
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
   Excellent switching performance
July 2013 Rev 1
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
   Excellent THD performance
logo
STMicroelectronics
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
   excellent temperature performance
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com