データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-1393788-9 データシート(PDF) 6 Page - TE Connectivity Ltd

部品番号 3-1393788-9
部品情報  Standard telecom relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393788-9 データシート(HTML) 6 Page - TE Connectivity Ltd

  3-1393788-9 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393788-9 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393788-9 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393788-9 Datasheet HTML 4Page - TE Connectivity Ltd 3-1393788-9 Datasheet HTML 5Page - TE Connectivity Ltd 3-1393788-9 Datasheet HTML 6Page - TE Connectivity Ltd 3-1393788-9 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
6
AXICOM
Signal Relays
P2 Relay V23079 (Continued)
Product code structure
Typical product code
V23079
A
1
001
B
301
Type
V23079 Signal Relay P2 Series
Version
A THT, monostable
D SMT, monostable, long term.
G SMT, monostable, short term.
B THT, latching, 2 coils
E SMT, latching, 2 coils long term.
H SMT, latching, 2 coils short term.
C THT, latching, 1 coil
F
SMT, latching, 1 coil long term.
J
SMT, latching, 1 coil short term.
Coil design
1
Standard coil (not for high dielectric version)
2
Overmolded coil
Coil
Coil code: please refer to coil versions table
Version
B Standard version
X High dielectric version
Contacts for standard versions
301
2 form C contacts (2 CO), AgNi +Au
201
2 form C contacts (2 CO), AgPd +Au; on request only
Product code
Version
Coil design
Coil type
Coil voltage
Part number
V23079-A1006-B301
9VDC
2-1393788-0
V23079-A1005-B301
24VDC
1-1393788-6
V23079-A2008-B301
Overmolded
3VDC
6-1419120-6
V23079-A2011-B301
4.5VDC
3-1393789-9
V23079-A2001-B301
5VDC
3-1393789-5
V23079-A2002-B301
6VDC
3-1393789-6
V23079-A2006-B301
9VDC
3-1393789-8
V23079-A2003-B301
12VDC
3-1393789-7
V23079-B1218-B301
Standard
Bistable, 2 coils
2.4VDC
1422002-8
V23079-B1208-B301
3VDC
4-1393788-1
V23079-B1211-B301
4.5VDC
4-1393788-2
V23079-B1201-B301
5VDC
3-1393788-3
V23079-B1202-B301
6VDC
3-1393788-5
V23079-B1206-B301
9VDC
3-1393788-9
V23079-B1203-B301
12VDC
3-1393788-6
V23079-B1205-B301
24VDC
3-1393788-7
V23079-B2219-B301
Overmolded
2VDC
1-1422002-2
V23079-B2218-B301
2.4VDC
1-1422002-1
V23079-B2208-B301
3VDC
1-1422002-0
V23079-B2201-B301
5VDC
1422002-9
V23079-C1108-B301
Standard
Bistable, 1 coils
3VDC
5-1393788-3
V23079-C1111-B301
4.5VDC
5-1393788-4
V23079-C1101-B301
5VDC
4-1393788-5
V23079-C1102-B301
6VDC
4-1393788-7
V23079-C1106-B301
9VDC
5-1393788-1
V23079-C1103-B301
12VDC
4-1393788-8
V23079-C1105-B301
24VDC
5-1393788-0


同様の部品番号 - 3-1393788-9

メーカー部品番号データシート部品情報
logo
Tyco Electronics
3-1393788-9 MACOM-3-1393788-9 Datasheet
2Mb / 7P
   P2 Relay V23079
logo
TE Connectivity Ltd
3-1393788-9 TEC-3-1393788-9 Datasheet
1Mb / 7P
   Standard telecom relay
More results

同様の説明 - 3-1393788-9

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
V23079 TEC-V23079 Datasheet
1Mb / 7P
   Standard telecom relay
logo
Picker Components
PC332 PICKER-PC332 Datasheet
147Kb / 2P
   Telecom Relay
logo
TE Connectivity Ltd
FT2 TEC-FT2 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
Picker Components
PC312B PICKER-PC312B Datasheet
171Kb / 2P
   Subminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
   Subminiature PCB Telecom Relay
HG4507 DBLECTRO-HG4507 Datasheet
49Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
Picker Components
PC307 PICKER-PC307_14 Datasheet
175Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
   Subminiature PCB Telecom Relay
logo
Picker Components
PC322 PICKER-PC322 Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com