データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C350C106M1R5TA7301 データシート(PDF) 17 Page - Kemet Corporation

部品番号 C350C106M1R5TA7301
部品情報  Radial Leaded Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

C350C106M1R5TA7301 データシート(HTML) 17 Page - Kemet Corporation

Back Button C350C106M1R5TA7301 Datasheet HTML 11Page - Kemet Corporation C350C106M1R5TA7301 Datasheet HTML 12Page - Kemet Corporation C350C106M1R5TA7301 Datasheet HTML 13Page - Kemet Corporation C350C106M1R5TA7301 Datasheet HTML 14Page - Kemet Corporation C350C106M1R5TA7301 Datasheet HTML 15Page - Kemet Corporation C350C106M1R5TA7301 Datasheet HTML 16Page - Kemet Corporation C350C106M1R5TA7301 Datasheet HTML 17Page - Kemet Corporation C350C106M1R5TA7301 Datasheet HTML 18Page - Kemet Corporation C350C106M1R5TA7301 Datasheet HTML 19Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1050_GOLDMAX_X7R • 11/11/2016 17
Radial Leaded Multilayer Ceramic Capacitors
Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Commercial Grade)
t
Tape & Reel Packaging Information
KEMET offers standard reeling of Molded and Conformally
CoatedRadialLeadedCapacitorsinaccordancewithEIA
standard 468. Parts are taped to a tagboard carrier strip,
andwoundonareelasshowninFigure1.Kraftpaper
interleavingisinsertedbetweenthelayersofcapacitorson
thereel.Ammopackisalsoavailable,withthesamelead
tapeconfigurationandpackagequantities.
Ceramic Radial Tape and Reel Dimensions
Metric will govern
Constant Dimensions — Millimeters (Inches)
D
0
±0.2 (0.008)
P
0
±0.3 (0.012)
∆H
±0.2 (0.008)
L
1
Maximum
t
±0.2 (0.008)
T
Maximum
W
+1.0/−0.5
(+0.039/−0.020)
W
0
Minimum
W
2
Maximum
4.00 (0.157)
12.7 (0.500)
4.0 (0.157)
1.0 (0.039)
0.7 (0.051)
1.5 (0.059)
18.0 (0.709)
5.0 (0.197)
3.0 (0.118)


同様の部品番号 - C350C106M1R5TA7301

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C350C124J1G5TA7301 KEMET-C350C124J1G5TA7301 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, KEMET, GoldMax, 0.12 uF, 5%, 100 V, C0G, Lead Spacing = 10.16mm
C350C153B1G5HA7301 KEMET-C350C153B1G5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C350C153B1G5TA7301 KEMET-C350C153B1G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C350C153B2G5HA7301 KEMET-C350C153B2G5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C350C153B2G5TA7301 KEMET-C350C153B2G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
More results

同様の説明 - C350C106M1R5TA7301

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com