データシートサーチシステム |
|
LM4040BIZ-4.1 データシート(PDF) 10 Page - National Semiconductor (TI) |
|
|
LM4040BIZ-4.1 データシート(HTML) 10 Page - National Semiconductor (TI) |
10 / 30 page LM4040-2.5 Electrical Characteristics (Extended Temperature Range) (Continued) Boldface limits apply for T A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1.0% and ±2.0%, respectively. Symbol Parameter Conditions Typical (Note 4) LM4040CEM3 Limits (Note 5) LM4040DEM3 Limits (Note 5) LM4040EEM3 Limits (Note 5) Units (Limit) Z R Reverse Dynamic Impedance I R = 1 mA, f = 120 Hz, I AC = 0.1 IR 0.3 Ω 0.9 1.1 1.1 Ω (max) e N Wideband Noise I R = 100 µA 35 µV rms 10 Hz ≤ f ≤ 10 kHz ∆V R Reverse Breakdown Voltage Long Term Stability t = 1000 hrs T = 25˚C ±0.1˚C I R = 100 µA 120 ppm V HYST Thermal Hysteresis (Note 8) ∆T = −40˚C to +125˚C 0.08 % LM4040-3.0 Electrical Characteristics (Industrial Temperature Range) Boldface limits apply for T A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades A and B designate initial Re- verse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively. Symbol Parameter Conditions Typical (Note 4) LM4040AIM3 LM4040AIZ (Limit) (Note 5) LM4040BIM3 LM4040BIZ LM4040BIM7 Limits (Note 5) Units (Limit) V R Reverse Breakdown Voltage I R = 100 µA 3.000 V Reverse Breakdown Voltage Tolerance (Note 6) I R = 100 µA ±3.0 ±6.0 mV (max) ±22 ±26 mV (max) I RMIN Minimum Operating Current 47 µA 62 62 µA (max) 67 67 µA (max) ∆V R/ ∆T Average Reverse Breakdown Voltage Temperature Coefficient (Note 6) I R =10 mA ±20 ppm/˚C I R =1 mA ±15 ±100 ±100 ppm/˚C (max) I R = 100 µA ±15 ppm/˚C ∆V R/ ∆I R Reverse Breakdown Voltage Change with Operating Current Change (Note 7) I RMIN ≤ I R ≤ 1 mA 0.6 mV 0.8 0.8 mV (max) 1.1 1.1 mV (max) 1mA ≤ I R ≤ 15 mA 2.7 mV 6.0 6.0 mV (max) 9.0 9.0 mV (max) Z R Reverse Dynamic Impedance I R = 1 mA, f = 120 Hz, I AC = 0.1 IR 0.4 Ω 0.9 0.9 Ω (max) e N Wideband Noise I R = 100 µA 35 µV rms 10 Hz ≤ f ≤ 10 kHz ∆V R Reverse Breakdown Voltage Long Term Stability t = 1000 hrs T = 25˚C ±0.1˚C I R = 100 µA 120 ppm V HYST Thermal Hysteresis (Note 8) ∆T = −40˚C to +125˚C 0.08 % www.national.com 10 |
同様の部品番号 - LM4040BIZ-4.1 |
|
同様の説明 - LM4040BIZ-4.1 |