データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14LC5540 データシート(PDF) 3 Page - Motorola, Inc

部品番号 MC14LC5540
部品情報  ADPCM Codec
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14LC5540 データシート(HTML) 3 Page - Motorola, Inc

  MC14LC5540 Datasheet HTML 1Page - Motorola, Inc MC14LC5540 Datasheet HTML 2Page - Motorola, Inc MC14LC5540 Datasheet HTML 3Page - Motorola, Inc MC14LC5540 Datasheet HTML 4Page - Motorola, Inc MC14LC5540 Datasheet HTML 5Page - Motorola, Inc MC14LC5540 Datasheet HTML 6Page - Motorola, Inc MC14LC5540 Datasheet HTML 7Page - Motorola, Inc MC14LC5540 Datasheet HTML 8Page - Motorola, Inc MC14LC5540 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MC14LC5540
MOTOROLA
3
PIN DESCRIPTIONS
POWER SUPPLY PINS
VSS
Negative Power Supply
(PDIP, SOG—Pin 22; TQFP—Pin 21)
This is the most negative power supply and is typically
connected to 0 V.
VEXT
External Power Supply Input
(PDIP, SOG—Pin 9; TQFP—Pin 7)
This power supply input pin must be between 2.70 and
5.25 V. Internally, it is connected to the input of the VDSP
voltage regulator, the 5 V regulated charge pump, and all
digital I/O including the Serial Control Port and the ADPCM
Serial Data Port. This pin is also connected to the analog out-
put drivers (PO+, PO–, AXO+, and AXO–). This pin should
be decoupled to VSS with a 0.1 µF ceramic capacitor. This
pin is internally connected to the VDD and VDSP pins when
the device is powered down.
VDSP
Digital Signal Processor Power Supply Output
(PDIP, SOG—Pin 8; TQFP—Pin 5)
This pin is connected to the output of the on–chip VDSP
voltage regulator which supplies the positive voltage to the
DSP circuitry and to the other digital blocks of the ADPCM
Codec. This pin should be decoupled to VSS with a 0.1 µF
ceramic capacitor. This pin cannot be used for powering
external loads. This pin is internally connected to the VEXT
pin during power–down to retain memory.
VDD
Positive Power Supply Input/Output
(PDIP, SOG, TQFP—Pin 28)
This is the positive output of the on–chip voltage regulated
charge pump and the positive power supply input to the ana-
log sections of the device. Depending on the supply voltage
available, this pin can function in one of two different oper-
ating modes:
1. When VEXT is supplied from a regulated 5 V (± 5%)
power supply, VDD is an input and should be externally
connected to VEXT. Charge pump capacitor C1 should
not be used and the charge pump should be disabled in
BR0 (b2). In this case VEXTandVDDcansharethesame
0.1
µF ceramic decoupling capacitor to VSS.
2. When VEXT is supplied from 2.70 to 5.25 V, such as
battery powered applications, the charge pump should
be used. In this case, VDD is the output of the on–chip
voltage regulated charge pump and must not be con-
nected to VEXT. VDD should be decoupled to VSS with a
1.0
µF ceramic capacitor. This pin cannot be used for
powering external loads in this operating mode. This pin
is internally connected to the VEXT pin when the charge
pump is turned off or the device is powered down.
VAG
Analog Ground Output
(PDIP, SOG—Pin 4; TQFP—Pin 32)
This output pin provides a mid–supply analog ground reg-
ulated to 2.4 V. All analog signal processing within this device
is referenced to this pin. This pin should be decoupled to VSS
with a 0.01
µF ceramic capacitor. If the audio signals to be
processed are referenced to VSS, then special precautions
must be utilized to avoid noise between VSS and the VAG pin.
Refer to the applications information in this document for
more information. The VAG pin becomes high impedance
when in analog power–down mode.
C1–, C1+
Charge Pump Capacitor Pins
(PDIP, SOG, TQFP—Pins 23 and 24)
These are the capacitor connections to the internal voltage
regulated charge pump that generates the VDD supply volt-
age. A 0.1
µF capacitor should be placed between these
pins. Note that if an external VDD is supplied, this capacitor
should not be in the circuit.
ANALOG INTERFACE PINS
TG
Transmit Gain
(PDIP, SOG—Pin 1; TQFP—Pin 29)
This is the output of the transmit gain setting operational
amplifier and the input to the transmit band–pass filter. This
op amp is capable of driving a 2 k
Ω load to the VAG pin.
When TI– and TI+ are connected to VDD, the TG op amp is
powered down and the TG pin becomes a high–impedance
input to the transmit filter. All signals at this pin are refer-
enced to the VAG pin. This pin is high impedance when the
device is in the analog power–down mode. This op amp is
powered by the VDD pin.
TI–
Transmit Analog Input (Inverting)
(PDIP, SOG—Pin 2; TQFP—Pin 30)
This is the inverting input of the transmit gain setting op-
erational amplifier. Gain setting resistors are usually con-
nected from this pin to TG and from this pin to the analog
signal source. The common mode range of the TI+ and TI–
pins is from 1.0 V, to VDD – 2 V. Connecting this pin and TI +
to VDD will place this amplifier’s output (TG) in a high–imped-
ance state, thus allowing the TG pin to serve as a high–im-
pedance input to the transmit filter.
TI+
Transmit Analog Input (Non–Inverting)
(PDIP, SOG—Pin 3; TQFP—Pin 31)
This is the non–inverting input of the transmit input gain
setting operational amplifier. This pin accommodates a differ-
ential to single–ended circuit for the input gain setting op
amp. This allows input signals that are referenced to the VSS
pin to be level shifted to the VAG pin with minimum noise.
This pin may be connected to the VAG pin for an inverting
amplifier configuration if the input signal is already refer-
enced to the VAG pin. The common mode range of the TI+
and TI– pins is from 1.0 V to VDD – 2 V. Connecting this pin
and TI– to VDD will place this amplifier’s output (TG) in a


同様の部品番号 - MC14LC5540

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002FB MOTOROLA-MC14LC5002FB Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
NXP Semiconductors
MC14LC5002FB NXP-MC14LC5002FB Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5003 MOTOROLA-MC14LC5003 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
More results

同様の説明 - MC14LC5540

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
   Multifunction ADPCM CODEC
logo
LAPIS Semiconductor Co....
ML7029 LAPIS-ML7029 Datasheet
362Kb / 29P
   Multifunction ADPCM CODEC
logo
OKI electronic componet...
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
   Multifunction ADPCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
logo
List of Unclassifed Man...
VS1103B ETC2-VS1103B Datasheet
559Kb / 61P
   MIDI/ADPCM AUDIO CODEC
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
   ADPCM WITH PCM CODEC
logo
OKI electronic componet...
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
   Single Rail ADPCM CODEC
MSM7540 OKI-MSM7540 Datasheet
156Kb / 16P
   Single Rail ADPCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com