データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB16-100SMD データシート(PDF) 2 Page - Seme LAB

部品番号 SB16-100SMD
部品情報  DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SB16-100SMD データシート(HTML) 2 Page - Seme LAB

  SB16-100SMD Datasheet HTML 1Page - Seme LAB SB16-100SMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
both diodes 1.4
per diode 2.3
1.3
SB16-100M-SMD
SB16-100A-SMD
SB16-100R-SMD
LAB
SEME
Prelim.11/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Forward Voltage
IR
Reverse Current
Cd
Junction Capacitance
IF = 8A
TJ = 150°C
IF = 16A
TJ = 25°C
VR = VRRM
TJ = 150°C
VR = VRRM
TJ = 25°C
VR = 5 V
f = 1 MHz
0.8
1.0
30
500
500
V
mA
mA
pF
ELECTRICAL CHARACTERISTICS (Per Diode)(TCASE = 25°C unless otherwise stated
Parameter
.
Unit
RTH(j-a)
Maximum Thermal Resistance Junction To Case
RTH(j-c)
Maximum Thermal Resistance Junction To Case
°C/W
°C/W
Pulse test tp=300µs
d£2%


同様の部品番号 - SB16-100SMD

メーカー部品番号データシート部品情報
logo
Seme LAB
SB16-100A-SMD SEME-LAB-SB16-100A-SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
SB16-100AM SEME-LAB-SB16-100AM Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-100M SEME-LAB-SB16-100M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-100M-SMD SEME-LAB-SB16-100M-SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
SB16-100MA SEME-LAB-SB16-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
More results

同様の説明 - SB16-100SMD

メーカー部品番号データシート部品情報
logo
Seme LAB
SB16-100M-SMD SEME-LAB-SB16-100M-SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
SB30-100MSMD SEME-LAB-SB30-100MSMD Datasheet
25Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN FOR HI-REL APPLICATIONS
SB30-100MA SEME-LAB-SB30-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-45M SEME-LAB-SB16-45M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45-258M SEME-LAB-SB30-45-258M Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO258 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45M SEME-LAB-SB30-45M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB35-40M SEME-LAB-SB35-40M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO254 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-100MA SEME-LAB-SB16-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SBR1645-T254 SEME-LAB-SBR1645-T254 Datasheet
13Kb / 1P
   DUAL SCHOTTKY BARRIER RECTIFIER IN A TO254 HERMETICALLY SEALED PACKAGE FOR HI-REL APPLICATIONS
SB60-600 SEME-LAB-SB60-600 Datasheet
9Kb / 1P
   DUAL SCHOTTKY BARRIER RECTIFIER IN A TO-258 HERMETICALLY SEALED PACKAGE FOR HI-REL APPLICATIONS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com