データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M400086 データシート(PDF) 1 Page - E-SWITCH

部品番号 M400086
部品情報  ALL DIMENSIONS IN MM[INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M400086 データシート(HTML) 1 Page - E-SWITCH

  M400086 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMTRIC
ISOMTRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R1973AGRYRILGF1
1.5:1
10/6/2005
M400086
B
PH
1
1
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING:
6A @250VAC;9A @125VAC (UL, CSA, VDE)
4(1)A @250VAC
4. LAMP VOLTAGE: 125 VAC
5. MATERIAL:
CONTACT SURFACE: COIN SILVER, SILVER PLATE
TERMINAL: COPPER ALLOY W/SILVER PLATE.
6. CONTACT RESISTANCE: 20mILLIOHMS TYP. INITIAL
7. INSULATION RESISTANCE: 1000MEGAOHMS
8. DIELECTRIC STRENGTH:
>1500V RMS min. @SEA LEVEL
9. MECHANICAL LIFE: 30,000 CYCLES.
10. ELECTRICAL LIFE: 10,000 CYCLES
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
PARAMETERS
LAMP VOLTAGE(AC)
POWER DISIPATION
CURRENT
SYMBOL
V
PD
I
MAX.
125
50
UNITS
V
WATTS
mA
INCANDESCENT
1
21.10
[.831 in]
14.00
[.551 in]
2.00
[.079 in]
8.00
[.315 in]
18.60
[.732 in]
10.45
[.411 in]
2.00
[.079 in]
1.00
[.039 in]
4.00
[.157 in]
PANEL THICKNESS
X
0.75-1.25
1.25-2.00
2.00-3.00
19.2-19.3
19.3-19.4
19.5-19.6
RECOMMENDED PANEL MOUNTING
X
12.8-12.9
A
15358
RELEASED FOR PRODUCTION
10/6/05
PH
RED ACTUATOR
GRAY HOUSING
15.10
[.594 in]
ON/OFF SYMBOL
MOLDED ONTO HOUSING
.80
[.031 in]
TYP.
2
1
1a
CIRCUIT: SPST ILLUMINATED
5.00
[.197 in]
4.75
[.187 in]
2.50
[.098 in]
6.50
[.256 in]
5.50
[.217 in]
13.00
[.512 in]
4.00
[.157 in]
2.50
[.098 in]
4.20
[.165 in]
B
15834
REMOVE SEMKO, NEMKO, FI RATINGS
3/1/06
PH


同様の部品番号 - M400086

メーカー部品番号データシート部品情報
logo
E-SWITCH
M400080 E-SWITCH-M400080 Datasheet
63Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
M400081 E-SWITCH-M400081 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
M400082 E-SWITCH-M400082 Datasheet
51Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
M400083 E-SWITCH-M400083 Datasheet
74Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
M400084 E-SWITCH-M400084 Datasheet
69Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
More results

同様の説明 - M400086

メーカー部品番号データシート部品情報
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com