データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS2000CP-CZZ データシート(PDF) 11 Page - Cirrus Logic

部品番号 CS2000CP-CZZ
部品情報  Fractional-N Clock Synthesizer & Clock Multiplier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000CP-CZZ データシート(HTML) 11 Page - Cirrus Logic

Back Button CS2000CP-CZZ Datasheet HTML 7Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 8Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 9Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 10Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 11Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 12Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 13Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 14Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
CS2000-CP
DS761F3
11
CONTROL PORT SWITCHING CHARACTERISTICS - SPI FORMAT
Inputs: Logic 0 = GND; Logic 1 = VD; CL =20pF.
Notes: 14. tspi is only needed before first falling edge of CS after power is applied. tspi = 0 at all other times.
15. Data must be held for sufficient time to bridge the transition time of CCLK.
16. For fcclk < 1 MHz.
Parameter
Symbol
Min
Max
Unit
CCLK Clock Frequency
fccllk
-6
MHz
CCLK Edge to CS Falling
(Note 14)tspi
500
-
ns
CS High Time Between Transmissions
tcsh
1.0
-
µs
CS Falling to CCLK Edge
tcss
20
-
ns
CCLK Low Time
tscl
66
-
ns
CCLK High Time
tsch
66
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
ns
CCLK Rising to DATA Hold Time
(Note 15)tdh
15
-
ns
Rise Time of CCLK and CDIN
(Note 16)tr2
-
100
ns
Fall Time of CCLK and CDIN
(Note 16)tf2
-
100
ns
Delay from Supply Voltage Stable to Control Port Ready
tdpor
100
-
µs
tr2
t f2
t dsu tdh
tsch
tscl
CS
CCLK
CDIN
tcss
tcsh
tspi
tdpor
VD
Figure 6. Control Port Timing - SPI Format (Write Only)


同様の部品番号 - CS2000CP-CZZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS2000CP-CZZ CIRRUS-CS2000CP-CZZ Datasheet
301Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000CP-CZZR CIRRUS-CS2000CP-CZZR Datasheet
301Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
More results

同様の説明 - CS2000CP-CZZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS2000-CP CIRRUS-CS2000-CP_09 Datasheet
301Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP_09 Datasheet
260Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP Datasheet
596Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP Datasheet
542Kb / 28P
   Fractional-N Clock Multiplier
CS2300-CP CIRRUS-CS2300-CP_09 Datasheet
257Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com