データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3KP60A データシート(PDF) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

部品番号 3KP60A
部品情報  Low zener impedance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
ホームページ  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

3KP60A データシート(HTML) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  3KP60A Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd 3KP60A Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd 3KP60A Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd 3KP60A Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd 3KP60A Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3000W 3KP Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 5 / 5-
http://www.jjwdz.com
MARKING & ORDERING INFORMATION
Product Type
Cathode Band
3KP
XX
C
A
(1)
(2)
(3)
(4)
(1)Series:3000 watts series
(2)Reverse Stand-off Voltage
(3)Bi-directional
(4)5% VBR Voltage tolerance
Logo
3KPxxCA
PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Ref.
Min.
A
B
C
D
Max.
Min.
Max.
1.000
25.40
0.339
0.048
0.340
0.370
0.052
0.360
8.60
1.20
8.60
9.40
1.40
9.10
-
-
A
B
A
Part Number
Case Type
Quantity
Packing Option
3KPXXCA/A
R6/P600
300
Box
Information furnished in this document is believed to be accurate and reliable. However, Jiangsu
JieJie Microelectronics Co.,Ltd assumes no responsibility for the consequences of use without
consideration for such information nor use beyond it.
Information mentioned in this document is subject to change without notice, apart from that when
an agreement is signed, Jiangsu JieJie complies with the agreement.
Products and information provided in this document have no infringement of patents. Jiangsu
JieJie assumes no responsibility for any infringement of other rights of third parties which may
result from the use of such products and information.
This document is the first version which is made in 22-May.-2015. This document supersedes
and replaces all information previously supplied.
is a registered trademark of Jiangsu JieJie Microelectronics Co.,Ltd.
Copyright
©2015 Jiangsu JieJie Microelectronics Co.,Ltd. Printed All rights reserved.


同様の部品番号 - 3KP60A

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
3KP60A PANJIT-3KP60A Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Shanghai Leiditech Elec...
3KP60A LEIDITECH-3KP60A Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
Littelfuse
3KP60A LITTELFUSE-3KP60A Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
logo
Nanjing International G...
3KP60A DGNJDZ-3KP60A Datasheet
77Kb / 3P
   3000 Watt Peak Power
logo
Surge Components
3KP60A SURGE-3KP60A Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
More results

同様の説明 - 3KP60A

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
   Low zener impedance.
logo
Microdiode Electronics ...
1N47 CHENDA-1N47 Datasheet
721Kb / 3P
   Low zener impedance
1N52 CHENDA-1N52 Datasheet
794Kb / 3P
   Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
   Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
SA5.0A JIEJIE-SA5.0A Datasheet
216Kb / 5P
   Low zener impedance
logo
Microdiode Electronics ...
BZX55C CHENDA-BZX55C Datasheet
695Kb / 3P
   Low zener impedance
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
   Low Zener impedance at low current
logo
Gaomi Xinghe Electronic...
1N4727 GXELECTRONICS-1N4727 Datasheet
1Mb / 5P
   Small current low zener impedance
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com