データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP101G データシート(PDF) 1 Page - ON Semiconductor

部品番号 TIP101G
部品情報  Plastic Medium-Power Complementary Silicon Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP101G データシート(HTML) 1 Page - ON Semiconductor

  TIP101G Datasheet HTML 1Page - ON Semiconductor TIP101G Datasheet HTML 2Page - ON Semiconductor TIP101G Datasheet HTML 3Page - ON Semiconductor TIP101G Datasheet HTML 4Page - ON Semiconductor TIP101G Datasheet HTML 5Page - ON Semiconductor TIP101G Datasheet HTML 6Page - ON Semiconductor TIP101G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 14
1
Publication Order Number:
TIP100/D
TIP100, TIP101, TIP102
(NPN); TIP105, TIP106,
TIP107 (PNP)
Plastic Medium-Power
Complementary Silicon
Transistors
Designed for general−purpose amplifier and low−speed switching
applications.
Features
High DC Current Gain −
hFE
= 2500 (Typ) @ IC
= 4.0 Adc
Collector−Emitter Sustaining Voltage − @ 30 mAdc
VCEO(sus) = 60 Vdc (Min) − TIP100, TIP105
= 80 Vdc (Min) − TIP101, TIP106
= 100 Vdc (Min) − TIP102, TIP107
Low Collector−Emitter Saturation Voltage −
VCE(sat) = 2.0 Vdc (Max) @ IC
= 3.0 Adc
= 2.5 Vdc (Max) @ IC = 8.0 Adc
Monolithic Construction with Built−in Base−Emitter Shunt Resistors
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220AB
CASE 221A
STYLE 1
MARKING
DIAGRAM
DARLINGTON 8 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
60−80−100 VOLTS, 80 WATTS
www.onsemi.com
1
2
3
4
TIP10x
= Device Code
x
= 0, 1, 2, 5, 6, or 7
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
TIP10xG
AYWW
See detailed ordering and shipping information on page 3 of
this data sheet.
ORDERING INFORMATION
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR


同様の部品番号 - TIP101G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TIP101G ONSEMI-TIP101G Datasheet
87Kb / 7P
   Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
More results

同様の説明 - TIP101G

メーカー部品番号データシート部品情報
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com