データシートサーチシステム |
|
CXA1510-0000-000F00H450H データシート(PDF) 4 Page - Cree, Inc |
|
CXA1510-0000-000F00H450H データシート(HTML) 4 Page - Cree, Inc |
4 / 27 page Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 4 XLamp® CXa1510 LED Notes • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI measurements. See the Measurements section (page 26). • Cree XLamp CXA1510 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code. * Flux values @ 25 °C are calculated and for reference only. fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 18 V (i f = 500 mA, tJ = 85 °C) The following table provides order codes for XLamp CXA1510 LEDs. For a complete description of the order code nomenclature, please see the Bin and Order Code Formats section (page 23). nominal CCt Cri Minimum Luminous flux 2-step 3-step 4-step Min typ group Flux (lm) @ 85 °C Flux (lm) @ 25 °C* group order Code group order Code group order Code 6500 K 70 75 H4 970 1076 65F CXA1510-0000- 000F00H465F J2 1040 1154 CXA1510-0000- 000F00J265F J4 1120 1243 CXA1510-0000- 000F00J465F 80 --- H4 970 1076 65F CXA1510-0000- 000F0HH465F J2 1040 1154 CXA1510-0000- 000F0HJ265F J4 1120 1243 CXA1510-0000- 000F0HJ465F 5700 K 70 75 H4 970 1076 57F CXA1510-0000- 000F00H457F J2 1040 1154 CXA1510-0000- 000F00J257F J4 1120 1243 CXA1510-0000- 000F00J457F 80 --- H4 970 1076 57F CXA1510-0000- 000F0HH457F J2 1040 1154 CXA1510-0000- 000F0HJ257F J4 1120 1243 CXA1510-0000- 000F0HJ457F 90 95 G2 780 866 57F CXA1510-0000- 000F0UG257F G4 840 932 CXA1510-0000- 000F0UG457F H2 900 999 CXA1510-0000- 000F0UH257F |
同様の部品番号 - CXA1510-0000-000F00H450H |
|
同様の説明 - CXA1510-0000-000F00H450H |