データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5--22488--6 データシート(PDF) 4 Page - TE Connectivity Ltd

部品番号 5--22488--6
部品情報  2 mm Common Termination Head Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5--22488--6 データシート(HTML) 4 Page - TE Connectivity Ltd

  5--22488--6 Datasheet HTML 1Page - TE Connectivity Ltd 5--22488--6 Datasheet HTML 2Page - TE Connectivity Ltd 5--22488--6 Datasheet HTML 3Page - TE Connectivity Ltd 5--22488--6 Datasheet HTML 4Page - TE Connectivity Ltd 5--22488--6 Datasheet HTML 5Page - TE Connectivity Ltd 5--22488--6 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
408- 9426
Rev E
4
of 6
Once the carriage feed is adjusted correctly, the
following should be observed:
wire inserter is aligned with the connector
contact
no movement of the connector housing occurs
as the tool is actuated
6. TERMINATION PROCEDURE
1. Select the applicable connector and wire to be
terminated.
2. Perform the setup procedure as described in
Section 3. Note that at the end of this procedure
the connector is in position to begin the termination
process.
3. Without inserting the wire into the wire guide,
perform one cycle. The connector will be indexed
in position for the first termination.
4. Insert an unstripped wire into the wire guide until
the wire bottoms, making sure wire is centered in
the slot.
5. Perform one termination cycle: the inserter will
bottom, forcing the wire between the contact slots,
and will then retract. The connector will advance to
the next contact position.
6. Continue to insert unstripped wire and cycle the
tool until all contacts of the connector are
terminated.
7. Remove the connector from the left side of the
carriage.
8. Repeat these steps until all connectors are
terminated.
7. MAINTENANCE AND INSPECTION
7.1. Daily Maintenance
It is recommended that each operator of the head
assembly be made aware of—and responsible
for—the following steps of daily maintenance:
1. Remove dust, moisture, and other contaminants
with a clean brush or a soft, lint--free cloth. DO
NOT use objects that could damage the head
assembly.
2. Make sure all components are in place and are
properly secured.
3. Actuate the tool to ensure that mechanisms
inside the head assembly move smoothly.
7.2. Periodic Inspection
Regular inspections should be be performed by
quality control personnel. A record of scheduled
inspections should remain with the head assembly or
be supplied to supervisory personnel responsible for
the head assembly. Though recommendations call for
at least one inspection a month, the inspection
frequency should be based on the amount of use,
ambient working conditions, operator training and
skill, and established company standards. These
inspections should include a visual inspection and
should be performed in the sequence listed.
1. Remove any accumulated film with a suitable
commercial degreaser that will not affect paint or
plastic material.
2. Make sure all components are in place and are
properly secured.
3. Make a few test terminations and inspect the
terminations in accordance with 114--5103.
4. Check for chipped, cracked, worn, or broken
areas. If damage is evident, repair is necessary.
See Section 8.
8. REPLACEMENT AND REPAIR
Customer--replaceable parts are listed in Figure 7.
A complete inventory should be stocked and
controlled to prevent lost time when replacement of
parts is necessary. Parts other than those listed
should be replaced by TE Connectivity to ensure
quality and reliability. Order replacement parts
through your TE Representative, or call
1--800--526--5142, or send a facsimile of your
purchase order to 717--986--7605, or write to:
CUSTOMER SERVICE (038--035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105--3608
For customer repair service, call 1--800--526--5136.
9. REVISION SUMMARY
Revisions to this instruction sheet include:
Updated document to corporate requirements
Corrected balloon numbers in Figure 7


同様の部品番号 - 5--22488--6

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
5--22488--6 TEC-5--22488--6 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

同様の説明 - 5--22488--6

メーカー部品番号データシート部品情報
logo
Tyco Electronics
408-4070 MACOM-408-4070 Datasheet
273Kb / 5P
   Pneumatic Head Assembly
logo
Samtec, Inc
2SN-BK-G SAMTEC-2SN-BK-G Datasheet
46Kb / 1P
   2 mm C.L. SHUNT ASSEMBLY
logo
Tyco Electronics
408-4260 MACOM-408-4260 Datasheet
155Kb / 7P
   Mass Termination Assembly
logo
TE Connectivity Ltd
408-7994 TEC-408-7994 Datasheet
204Kb / 4P
   Mass Termination Assembly
408-7995 TEC-408-7995 Datasheet
244Kb / 6P
   Mass Termination Assembly
logo
Tyco Electronics
408-9607 MACOM-408-9607 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
logo
3M Electronics
7893S 3M-7893S Datasheet
53Kb / 1P
   3M??Head Strap/Harness Assembly 7893S, Silicone, 2 EA/Case
logo
Tyco Electronics
59461 MACOM-59461 Datasheet
75Kb / 1P
   HEAVY HEAD HAND TOOL ASSEMBLY
logo
TE Connectivity Ltd
408-9736 TEC-408-9736 Datasheet
225Kb / 4P
   STRATO-THERM Die Head Assembly
logo
NTE Electronics
NTE15043 NTE-NTE15043 Datasheet
18Kb / 2P
   Integrated Circuit Head Amplifier Circuit for 2 Head VCR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com