データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1816-0000-000N0YK435H データシート(PDF) 6 Page - Cree, Inc

部品番号 CXA1816-0000-000N0YK435H
部品情報  XLamp LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N0YK435H データシート(HTML) 6 Page - Cree, Inc

Back Button CXA1816-0000-000N0YK435H Datasheet HTML 2Page - Cree, Inc CXA1816-0000-000N0YK435H Datasheet HTML 3Page - Cree, Inc CXA1816-0000-000N0YK435H Datasheet HTML 4Page - Cree, Inc CXA1816-0000-000N0YK435H Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N0YK435H Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N0YK435H Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N0YK435H Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N0YK435H Datasheet HTML 9Page - Cree, Inc CXA1816-0000-000N0YK435H Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
66
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® CXa1816 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 16).
Cree XLamp CXA1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
fLuX ChArACtEristiCs, Ansi WhitE orDEr CoDEs AnD bins (i
f = 450 mA, tJ = 85 °C)
The following table provides order codes for XLamp CXA1816 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 14).
nominal
CCt
Cri
Minimum Luminous flux
Chromaticity regions
order Code
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
6500 K
70
75
P2
1830
2028
1A0, 1B0, 1C0, 1D0, 65F
CXA1816‑0000‑000N00P20E1
P4
1965
2177
CXA1816‑0000‑000N00P40E1
Q2
2100
2327
CXA1816‑0000‑000N00Q20E1
80
---
P2
1830
2028
1A0, 1B0, 1C0, 1D0, 65F
CXA1816‑0000‑000N0HP20E1
P4
1965
2177
CXA1816‑0000‑000N0HP40E1
Q2
2100
2327
CXA1816‑0000‑000N0HQ20E1
5700 K
70
75
P4
1965
2177
2A0, 2B0, 2C0, 2D0, 57F
CXA1816‑0000‑000N00P40E2
Q2
2100
2327
CXA1816‑0000‑000N00Q20E2
Q4
2260
2542
CXA1816‑0000‑000N00Q40E2
80
---
P2
1830
2028
2A0, 2B0, 2C0, 2D0, 57F
CXA1816‑0000‑000N0HP20E2
P4
1965
2177
CXA1816‑0000‑000N0HP40E2
Q2
2100
2327
CXA1816‑0000‑000N0HQ20E2
5000 K
70
75
P4
1965
2177
3A0, 3B0, 3C0, 3D0, 50F
CXA1816‑0000‑000N00P40E3
Q2
2100
2327
CXA1816‑0000‑000N00Q20E3
Q4
2260
2542
CXA1816‑0000‑000N00Q40E3
80
---
P2
1830
2028
3A0, 3B0, 3C0, 3D0, 50F
CXA1816‑0000‑000N0HP20E3
P4
1965
2177
CXA1816‑0000‑000N0HP40E3
Q2
2100
2327
CXA1816‑0000‑000N0HQ20E3
4000 K
70
75
P2
1830
2028
5A0, 5B0, 5C0, 5D0, 40F
CXA1816‑0000‑000N00P20E5
P4
1965
2177
CXA1816‑0000‑000N00P40E5
Q2
2100
2327
CXA1816‑0000‑000N00Q20E5


同様の部品番号 - CXA1816-0000-000N0YK435H

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA1816-0000-000N0YK435H CREE-CXA1816-0000-000N0YK435H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

同様の説明 - CXA1816-0000-000N0YK435H

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com