データシートサーチシステム |
|
CXA1304-0000-000C00C235F データシート(PDF) 1 Page - Cree, Inc |
|
CXA1304-0000-000C00C235F データシート(HTML) 1 Page - Cree, Inc |
1 / 30 page Product family data sheet Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Cree® XLamp® CXA1304 LED ProDuCt DEsCriPtion The XLamp® CXA1304 LeD array expands Cree’s family of high‑flux, multi‑die arrays in a smaller, easy‑to‑use platform. With XLamp LED lighting‑class reliability, the CXA1304’s small, uniform emitting surface enables both directional and non‑directional lighting applications including lamp retrofit and luminaire designs. Available in 2‑step, 3‑step and 4‑step color consistency, and featuring a 6‑mm optical source, the CXA1304 brings new levels of flux and efficacy to this form factor. The CX Family LED Design Guide provides basic information on the requirements to use the CXA1304 LED successfully in luminaire designs. fEAturEs • Available in 4‑step, 3‑step and 2‑step EasyWhite® bins at 2700 K, 3000 K, 3500 K, 4000 K & 5000 K CCT and 4‑step EasyWhite bins at 5700 K & 6500 K CCT • Available in ANSI white bins at 4000 K, 5000 K, 5700 K & 6500 K CCT • Available in 70‑, 80‑, 90‑ and 93‑minimum CRI options • Forward voltage options: 9‑V class, 18‑V class & 36‑V class • 85 °C binning and characterization • Maximum drive current: 1000 mA (9 V), 500 mA (18 V), 250 mA (36 V) • 115° viewing angle, uniform chromaticity profile • Top‑side solder connections • Thermocouple attach point • NEMA SSL‑3 2011 standard flux bins • RoHS and REACh compliant • UL® recognized component (E349212) tAbLE of ContEnts Characteristics ..............................................2 Operating Limits............................................2 Flux Characteristics, EasyWhite® Order Codes and Bins ‑ 9 V.....................................4 Flux Characteristics, ANSI White Order Codes and Bins ‑ 9 V.....................................7 Flux Characteristics, EasyWhite® Order Codes and Bins ‑ 18 V...................................8 Flux Characteristics, ANSI White Order Codes and Bins ‑ 18 V................................ 11 Flux Characteristics, EasyWhite® Order Codes and Bins ‑ 36 V................................ 12 Flux Characteristics, ANSI White Order Codes and Bins ‑ 36 V................................ 15 Relative Spectral Power Distribution ........ 16 Electrical Characteristics........................... 16 Relative Luminous Flux.............................. 18 Typical Spatial Distribution........................ 21 Performance Groups ‑ Brightness ............ 21 Performance Groups ‑ Chromaticity......... 22 Cree EasyWhite® Bins Plotted on the 1931 CIE Color Space................................ 25 Cree ANSI White Bins Plotted on the 1931 CIE Color Space................................ 25 Bin and Order Code Formats..................... 26 Mechanical Dimensions ............................ 26 Thermal Design.......................................... 27 Notes .......................................................... 29 Packaging................................................... 30 |
同様の部品番号 - CXA1304-0000-000C00C235F |
|
同様の説明 - CXA1304-0000-000C00C235F |