データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1510-0000-000F0UF430H データシート(PDF) 3 Page - Cree, Inc

部品番号 CXA1510-0000-000F0UF430H
部品情報  XLamp LED
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1510-0000-000F0UF430H データシート(HTML) 3 Page - Cree, Inc

  CXA1510-0000-000F0UF430H Datasheet HTML 1Page - Cree, Inc CXA1510-0000-000F0UF430H Datasheet HTML 2Page - Cree, Inc CXA1510-0000-000F0UF430H Datasheet HTML 3Page - Cree, Inc CXA1510-0000-000F0UF430H Datasheet HTML 4Page - Cree, Inc CXA1510-0000-000F0UF430H Datasheet HTML 5Page - Cree, Inc CXA1510-0000-000F0UF430H Datasheet HTML 6Page - Cree, Inc CXA1510-0000-000F0UF430H Datasheet HTML 7Page - Cree, Inc CXA1510-0000-000F0UF430H Datasheet HTML 8Page - Cree, Inc CXA1510-0000-000F0UF430H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® CXa1510 LED
oPErAting LiMits
The maximum current rating of the CXA1510 is dependent on the case temperature (Tc) when the LED has reached thermal equilibrium
under steady‑state operation. The graphs shown below assume that the system design employs good thermal management (thermal
interface material and heat sink) and may vary when poor thermal management is employed. Please refer to the Mechanical Dimensions
section on page 23 for the location of the Tc measurement point.
CXA1510 - 18 V
0
200
400
600
800
1000
0
25
50
75
100
125
150
Case Temperature (°C)
18 V
CXA1510 - 36 V
0
100
200
300
400
500
0
25
50
75
100
125
150
Case Temperature (°C)
36 V


同様の部品番号 - CXA1510-0000-000F0UF430H

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1511L SONY-CXA1511L Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
CXA1511M SONY-CXA1511M Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
logo
Cree, Inc
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00J40E8 CREE-CXA1512-0000-000N00J40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00J427F CREE-CXA1512-0000-000N00J427F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
More results

同様の説明 - CXA1510-0000-000F0UF430H

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com