データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1--47386--4 データシート(PDF) 7 Page - Tyco Electronics

部品番号 1--47386--4
部品情報  Reasons for reissue are provided in Section 8, REVISION SUMMARY.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

1--47386--4 データシート(HTML) 7 Page - Tyco Electronics

  1--47386--4 Datasheet HTML 1Page - Tyco Electronics 1--47386--4 Datasheet HTML 2Page - Tyco Electronics 1--47386--4 Datasheet HTML 3Page - Tyco Electronics 1--47386--4 Datasheet HTML 4Page - Tyco Electronics 1--47386--4 Datasheet HTML 5Page - Tyco Electronics 1--47386--4 Datasheet HTML 6Page - Tyco Electronics 1--47386--4 Datasheet HTML 7Page - Tyco Electronics 1--47386--4 Datasheet HTML 8Page - Tyco Electronics 1--47386--4 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
408- 10029
PIDG and PLASTI- GRIP Terminal and Splice Crimping Heads
7
of 9
Rev B
Tyco Electronics Corporation
6.4. Lubrication
Lubricate all pins, pivot points, and bearing surfaces
with a high quality grease. Tyco Electronics
recommends the use of MolykoteS grease, which is a
commercially available lubricant. Lubricate according
to the following schedule:
Head used in daily production -- lubricate daily
Head used daily (occasional) -- lubricate weekly
Head used weekly -- lubricate monthly
Wipe excess grease from crimping head, particularly
from jaw closure areas. Grease transferred from jaw
closure area onto certain terminations may affect the
electrical characteristics of an application.
6.5. Gaging the Crimping Chamber
This inspection requires the use of plug gages
conforming to the dimensions shown in Figure 7. Tyco
Electronics does not manufacture or market these
gages.
GO Dia
NO--GO Dia
50.8 [2.0]
Min. Typ.
Jaw Closure
Configuration
Suggested Plug Gage Design Wire Barrel Crimp
CRIMPING
HEAD
JAW
CLOSURE
GAGE ELEMENT
DIAMETERS
HEAD
CLOSURE
DIMENSIONS
GO
NO--GO
1--47386--0
1--47386--4
1--525690--0
2.769--2.921
[.1090--.1150]
2.769--2.776
[.1090--.1093]
2.918--2.921
[.1149--.1150]
1--47387--0
1--47387--7
1--525691--0
3.023--3.175
[.1190--.1250]
3.023--3.030
[.1190--.1193]
3.172--3.175
[.1249--.1250]
1--46121--0
1.600--1.752
[.0630--.0690]
1.600--1.608
[.0630--.0633]
1.750--1.752
[.0689--.0690]
Figure 7 (cont’d)
S
Molykote is a trademark.
Suggested Plug Gage Design Insulation Crimp
GO Dim.
NO--GO Dim.
6.35
[.250]
Typ.
3.18
[.125]
GO
NO
GO
Jaw Closure
Configuration
CRIMPING
HEAD
JAW
CLOSURE
GAGE ELEMENT
DIAMETERS
HEAD
CLOSURE
DIMENSIONS
GO
NO--GO
1--525690--0
0.889--1.397
[.0350--.0550]
0.889--0.897
[.0350--.0353]
1.394--1.397
[.0549--.0550]
1--47386--0
1--47386--4
0.762--1.270
[.0300--.0500]
0.762--0.770
[.0300--.0303]
1.267--1.270
[.0499--.0500]
1--47387--0
1--47387--7
1.016--1.524
[.0400--.0600]
1.016--1.024
[.0400--.0403]
1.521--1.524
[.0599--.0600]
1--46121--0
0.762--1.270
[.0300--.0500]
0.762--0.770]
[.0300--.0303]
1.267--1.270
[.0499--.0500]
1--525691--0
1.143--1.651
[.0450--.0650]
1.143--1.151
[.0450--.0453]
1.648--1.651
[.0649--.0650]
Figure 7 (end)
Disconnect the battery and remove crimping
head from tool before inspecting crimping
chambers.
1. Remove oil and dirt from the jaw bottoming
surfaces and plug gage element surfaces.
2. Close wire barrel crimping jaws until they are
bottomed, but not under pressure.
3. Align GO element with wire barrel crimping
section. Push element straight into crimping
chamber without using force. The GO element
must pass completely through the chamber as
shown in Figure 8A.
4. Align the NO--GO element and try to insert it
into the chamber. The element may start entry, but
it must not pass completely through the crimping
chamber.
5. Repeat this procedure for the insulation crimping
section using a plug gage as shown in Figure 8B.
If the crimping chamber passes the gage inspection,
the crimping head is considered dimensionally correct
and should be lubricated with a THIN coat of any
good SAE 20 motor oil. If the crimping chamber does
not conform to the plug gage conditions, contact your
local Tyco Electronics Field Representative or refer to
Section 7, REPLACEMENT AND REPAIR.
For additional information about the use of a plug
gage, see Instruction Sheet 408--7424.
DANGER


同様の部品番号 - 1--47386--4

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
1--435469--0 TEC-1--435469--0 Datasheet
121Kb / 4P
   Dual In- Line Package
1--435668--1 TEC-1--435668--1 Datasheet
121Kb / 4P
   Dual In- Line Package
1--435802--0 TEC-1--435802--0 Datasheet
121Kb / 4P
   Dual In- Line Package
1--435802--2 TEC-1--435802--2 Datasheet
121Kb / 4P
   Dual In- Line Package
1--435802--5 TEC-1--435802--5 Datasheet
121Kb / 4P
   Dual In- Line Package
More results

同様の説明 - 1--47386--4

メーカー部品番号データシート部品情報
logo
Tyco Electronics
408-10033 MACOM-408-10033 Datasheet
205Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10175 MACOM-408-10175 Datasheet
340Kb / 7P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-8848 TEC-408-8848 Datasheet
488Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-4090 MACOM-408-4090 Datasheet
163Kb / 3P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY
408-9243 MACOM-408-9243 Datasheet
183Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4328 TEC-408-4328 Datasheet
106Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
408-8580 TEC-408-8580 Datasheet
262Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10221 TEC-408-10221 Datasheet
262Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-10041 MACOM-408-10041 Datasheet
275Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4074 TEC-408-4074 Datasheet
238Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com