データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-1393816-2 データシート(PDF) 4 Page - TE Connectivity Ltd

部品番号 3-1393816-2
部品情報  Great variety of contact arrangements and materials to meet specific applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393816-2 データシート(HTML) 4 Page - TE Connectivity Ltd

  3-1393816-2 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393816-2 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393816-2 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393816-2 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
AXICOM
Signal Relays
Cradle W Relay V23005 (Continued)
Product code
Version
Coil
Arrangement
Contacts
Enclosure
PartNumber
V23005-AXXXX, standard, size I
V23005-A0017-B104
Standard, size I
12VAC
2 form C (2 CO)
Single
Dust protected
1-1393816-8
V23005-A0021-C104
Standard, size I
18VAC
2 form C (2 CO)
Bifurcated
Dust protected
2-1393816-0
V23005-A0010-B104
Standard, size I
24VAC
2 form C (2 CO)
Single
Dust protected
1-1393816-7
V23005-A0009-B104
Standard, size I
42VAC
2 form C (2 CO)
Single
Dust protected
1-1393816-5
V23005-A0019-B104
Standard, size I
48VAC
2 form C (2 CO)
Single
Dust protected
1-1393816-9
V23005-A0008-B104
Standard, size I
60VAC
2 form C (2 CO)
Single
Dust protected
1-1393816-4
V23005-A0007-B104
Standard, size I
110VAC
2 form C (2 CO)
Single
Dust protected
1393816-8
V23005-A0007-B604
Standard, size I
110VAC
2 form C (2 CO)
Single
Dust protected
1-1393816-0
V23005-A0007-C104
Standard, size I
110VAC
2 form C (2 CO)
Bifurcated
Dust protected
1-1393816-1
V23005-A0004-B104
Standard, size I
220VAC
2 form C (2 CO)
Single
Dust protected
1393816-1
V23005-A0004-B604
Standard, size I
220VAC
2 form C (2 CO)
Single
Dust protected
1393816-3
V23005-A0004-C104
Standard, size I
220VAC
2 form C (2 CO)
Bifurcated
Dust protected
1393816-4
V23005-AXXXX, 5A, size I
V23005-A0009-F106
5A, size I
42VAC
1 A + 1 B (1 NO+1 NC)
Single
Dust protected
1-1393816-6
V23005-A0007-F105
5A, size I
110VAC
2 form A (2 NO)
Single
Dust protected
1-1393816-2
V23005-A0007-F106
5A, size I
110VAC
1 A + 1 B (1 NO+1 NC)
Single
Dust protected
1-1393816-3
V23005-A0004-F105
5A, size I
220VAC
2 form A (2 NO)
Single
Dust protected
1393816-6
V23005-A0004-F106
5A, size I
220VAC
1 A + 1 B (1 NO+1 NC)
Single
Dust protected
1393816-7
V23005-BXXXX, standard, size II
V23005-B0017-B110
Standard, size II
12VAC
4 form C (4 CO)
Single
Dust protected
4-1393816-5
V23005-B0010-B110
Standard, size II
24VAC
4 form C (4 CO)
Single
Dust protected
4-1393816-0
V23005-B0010-C110
Standard, size II
24VAC
4 form C (4 CO)
Bifurcated
Dust protected
4-1393816-1
V23005-B0010-C410
V23005-B0009-B110
Standard, size II
42VAC
4 form C (4 CO)
Single
Dust protected
3-1393816-7
V23005-B0009-C110
Standard, size II
42VAC
4 form C (4 CO)
Bifurcated
Dust protected
3-1393816-8
V23005-B0008-B110
Standard, size II
60VAC
4 form C (4 CO)
Single
Dust protected
3-1393816-5
V23005-B0007-B110
Standard, size II
110VAC
4 form C (4 CO)
Single
Dust protected
3-1393816-0
V23005-B0007-B610
Standard, size II
110VAC
4 form C (4 CO)
Single
Dust protected
3-1393816-1
V23005-B0007-C110
Standard, size II
110VAC
4 form C (4 CO)
Bifurcated
Dust protected
3-1393816-2
V23005-B0007-C410
Standard, size II
110VAC
4 form C (4 CO)
Bifurcated
Dust protected
3-1393816-3
V23005-B0004-B110
Standard, size II
220VAC
4 form C (4 CO)
Single
Dust protected
2-1393816-2
V23005-B0004-B610
Standard, size II
220VAC
4 form C (4 CO)
Single
Dust protected
2-1393816-4
V23005-B0004-C110
Standard, size II
220VAC
4 form C (4 CO)
Bifurcated
Dust protected
2-1393816-5
V23005-B0004-C410
Standard, size II
220VAC
4 form C (4 CO)
Bifurcated
Dust protected
2-1393816-6
V23005-BXXXX, 5A, size II
V23005-B0015-F104
5A, size II
6VAC
2 form C (2 CO)
Single
Dust protected
4-1393816-4
V23005-B0017-F104
5A, size II
12VAC
2 form C (2 CO)
Single
Dust protected
4-1393816-6
V23005-B0010-F104
5A, size II
24VAC
2 form C (2 CO)
Single
Dust protected
4-1393816-3
V23005-B0009-F104
5A, size II
42VAC
2 form C (2 CO)
Single
Dust protected
3-1393816-9
V23005-B0008-F104
5A, size II
60VAC
2 form C (2 CO)
Single
Dust protected
3-1393816-6
V23005-B0007-F104
5A, size II
110VAC
2 form C (2 CO)
Single
Dust protected
3-1393816-4
V23005-B0004-F104
5A, size II
220VAC
2 form C (2 CO)
Single
Dust protected
2-1393816-8


同様の部品番号 - 3-1393816-2

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
3-1393816-2 TEC-3-1393816-2 Datasheet
775Kb / 4P
   Contacts for signal loads and currents up to 5A
More results

同様の説明 - 3-1393816-2

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
PHOENIX CONTACT
2230008 PHOENIX-2230008 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
2230004 PHOENIX-2230004 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com