データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1304-0000-000F0HC40E1 データシート(PDF) 8 Page - Cree, Inc

部品番号 CXA1304-0000-000F0HC40E1
部品情報  XLamp LED
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000F0HC40E1 データシート(HTML) 8 Page - Cree, Inc

Back Button CXA1304-0000-000F0HC40E1 Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000F0HC40E1 Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000F0HC40E1 Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000F0HC40E1 Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000F0HC40E1 Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000F0HC40E1 Datasheet HTML 9Page - Cree, Inc CXA1304-0000-000F0HC40E1 Datasheet HTML 10Page - Cree, Inc CXA1304-0000-000F0HC40E1 Datasheet HTML 11Page - Cree, Inc CXA1304-0000-000F0HC40E1 Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® CXa1304 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 29).
Cree XLamp CXA1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 18 V (i
f = 200 mA, tJ = 85 °C)
The following table provides order codes for XLamp CXA1304 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 26).
nominal
CCt
Cri
Minimum Luminous flux
2-step
3-step
4-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* group
order Code
group
order Code
group
order Code
6500 K
70
75
B4
410
457
65F
CXA1304-0000-
000F00B465F
C2
440
490
CXA1304-0000-
000F00C265F
C4
475
527
CXA1304-0000-
000F00C465F
80
---
B4
410
457
65F
CXA1304-0000-
000F0HB465F
C2
440
490
CXA1304-0000-
000F0HC265F
C4
475
527
CXA1304-0000-
000F0HC465F
5700 K
70
75
C2
440
490
57F
CXA1304-0000-
000F00C257F
C4
475
527
CXA1304-0000-
000F00C457F
80
---
B4
410
457
57F
CXA1304-0000-
000F0HB457F
C2
440
490
CXA1304-0000-
000F0HC257F
C4
475
527
CXA1304-0000-
000F0HC457F
5000 K
70
75
C2
440
490
50H
CXA1304-0000-
000F00C250H
50F
CXA1304-0000-
000F00C250F
C4
475
527
CXA1304-0000-
000F00C450H
CXA1304-0000-
000F00C450F
80
---
B4
410
457
50H
CXA1304-0000-
000F0HB450H
50G
50F
CXA1304-0000-
000F0HB450F
C2
440
490
CXA1304-0000-
000F0HC250H
CXA1304-0000-
000F0HC250G
CXA1304-0000-
000F0HC250F
C4
475
527
CXA1304-0000-
000F0HC450H
CXA1304-0000-
000F0HC450G
CXA1304-0000-
000F0HC450F
90
95
A2
330
366
50H
CXA1304-0000-
000F0UA250H
50G
CXA1304-0000-
000F0UA250G
50F
CXA1304-0000-
000F0UA250F
A4
355
396
CXA1304-0000-
000F0UA450H
CXA1304-0000-
000F0UA450G
CXA1304-0000-
000F0UA450F
B2
380
423
CXA1304-0000-
000F0UB250H
CXA1304-0000-
000F0UB250G
CXA1304-0000-
000F0UB250F


同様の部品番号 - CXA1304-0000-000F0HC40E1

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA1304-0000-000C00A20E8 CREE-CXA1304-0000-000C00A20E8 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227F CREE-CXA1304-0000-000C00A227F Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227H CREE-CXA1304-0000-000C00A227H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A40E6 CREE-CXA1304-0000-000C00A40E6 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A40E7 CREE-CXA1304-0000-000C00A40E7 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

同様の説明 - CXA1304-0000-000F0HC40E1

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com